Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # T206N-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 4 Page - Panasonic Semiconductor

  T206N-F Datasheet HTML 1Page - Panasonic Semiconductor T206N-F Datasheet HTML 2Page - Panasonic Semiconductor T206N-F Datasheet HTML 3Page - Panasonic Semiconductor T206N-F Datasheet HTML 4Page - Panasonic Semiconductor T206N-F Datasheet HTML 5Page - Panasonic Semiconductor T206N-F Datasheet HTML 6Page - Panasonic Semiconductor T206N-F Datasheet HTML 7Page - Panasonic Semiconductor T206N-F Datasheet HTML 8Page - Panasonic Semiconductor T206N-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TOGGLE SWITCH
T-10 SERIES
SWITCHES
12 dia.
FEATURES
1. Capable of high capacity switching
(10 A 250 V AC and 15 A 125 V AC)
Ag alloy contacts are used to prevent
temperature rises and allow high capacity
switching.
2. Terminals constructed for easy
implementation
A unique terminal construction facilitates
soldering.
T10
1
ds_62001_0106_en_t10: 010314J
DATA (Life curve)
Tested condition: 250 V AC, Power factor: 0.6 and 10 cpm
Current (A)
1
357
9
11
13
15
10
8
6
4
2
0
PRODUCT TYPES
Number of poles
Kind of operation
Solder terminal
Left
Right
Product no.
1-pole
ON
OFF
T110A-F
ON
ON
T110D-F
2-pole
ON
OFF
T210K-F
ON
ON
T210N-F
Remark: The product comes with standard installation accessories. However, keying washer is sold separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com