Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # T206N-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  T206N-F Datasheet HTML 1Page - Panasonic Semiconductor T206N-F Datasheet HTML 2Page - Panasonic Semiconductor T206N-F Datasheet HTML 3Page - Panasonic Semiconductor T206N-F Datasheet HTML 4Page - Panasonic Semiconductor T206N-F Datasheet HTML 5Page - Panasonic Semiconductor T206N-F Datasheet HTML 6Page - Panasonic Semiconductor T206N-F Datasheet HTML 7Page - Panasonic Semiconductor T206N-F Datasheet HTML 8Page - Panasonic Semiconductor T206N-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
T06/T03
3
ds_62001_0106_en_t3_t6: 010314J
DIMENSIONS (for T-06 and T-03 series) (mm) (General tolerance: 0.5)
MOUNTING DIMENSIONS (for T-06 and T-03 series)
Remarks: 1. For panel installations, use the back hex nut.
2. * Keying washer (separately sold) Part no.: AJ3083
Panel cutout (mm)
Panel thickness
Max. 2.5 mm*
(Use separately sold keying washer.)
Max. 3.5 mm
Max. 3.5 mm
Interested in CAD data? You can obtain CAD data for all products with a
mark from your local Panasonic Electric Works representative.
CAD Data
CAD Data
Remark: ON-OFF type does not have terminal No. 1 and 4.
6
6.1 dia.
6
25
14.8
9.5
±0.4
6.1 dia.
27.5
28
°
1 pole
2-pole
+8°
−4°
28
°+8°
−4°
18.6
9.5
±0.4
17.5
±0.4
20.7
17.5
±0.4
12.5 dia.
9.2
3 dia.
12.5 dia.
12.3 dia.
11.5
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com