Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 19 Page - Panasonic Semiconductor

Part # T206N-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 19 Page - Panasonic Semiconductor

Back Button T206N-F Datasheet HTML 15Page - Panasonic Semiconductor T206N-F Datasheet HTML 16Page - Panasonic Semiconductor T206N-F Datasheet HTML 17Page - Panasonic Semiconductor T206N-F Datasheet HTML 18Page - Panasonic Semiconductor T206N-F Datasheet HTML 19Page - Panasonic Semiconductor T206N-F Datasheet HTML 20Page - Panasonic Semiconductor T206N-F Datasheet HTML 21Page - Panasonic Semiconductor T206N-F Datasheet HTML 22Page - Panasonic Semiconductor T206N-F Datasheet HTML 23Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
T15
13
ds_62001_0106_en_t15: 010314J
ROCKER TYPE DIMENSIONS (mm) (general tolerance: 0.5)
4. Wire leads type
CAD Data
30°±8°
4
1
5.5 dia.
18 dia.
30.6
2
3
1
D cut
30°±4°
10±4
15.8
200±20
33
6
3
2
5
7.5
17.5
10.3
33.2
D cut
21.1
10±4
200±20
18 dia.
5.5 dia.
10.3
7.5
36.4
17.5
1-pole
2-pole
Color of wire leads
No.
Color
1
Brown
2
Red
3
Orange
4
Yellow
5
Green
6
Blue
M12x1
M12x1
Remarks: 1. ON-OFF type does not have wire lead
no. 2 and 5.
2. 600 V vinyl wire (VSF, thick: 2 mm2,
length: 200 mm) is used. Please inquire
about type and different length of lead
wire.
1. Standard type
1) Solder terminal
CAD Data
29
13
15.8
33
6
19.5
6
13
5.7
33.8
10.2
5.7
37
10.2
1-pole
2-pole
2-M3x0.5
2-M3x0.5
45
38
27
45
38
27
2) Screw terminal (M3.5)
29
15.8
9.3
33
10.2
37.1
5.7
13
13
19.5
9.3
5.7
10.2
1-pole
2-pole
40.3
45
38
27
45
38
27
2-M3x0.5
2-M3x0.5
Remarks: 1. ON-OFF type does not have terminal no. 2 and 5.
2. Dimensions of actuator: 13.4
 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com