Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # T206N-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button T206N-F Datasheet HTML 12Page - Panasonic Semiconductor T206N-F Datasheet HTML 13Page - Panasonic Semiconductor T206N-F Datasheet HTML 14Page - Panasonic Semiconductor T206N-F Datasheet HTML 15Page - Panasonic Semiconductor T206N-F Datasheet HTML 16Page - Panasonic Semiconductor T206N-F Datasheet HTML 17Page - Panasonic Semiconductor T206N-F Datasheet HTML 18Page - Panasonic Semiconductor T206N-F Datasheet HTML 19Page - Panasonic Semiconductor T206N-F Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
T15
10
ds_62001_0106_en_t15: 010314J
SPECIFICATIONS
1. Contact rating
1) Toggle type and Rocker type
2) Push-button type (momentary)
3) Push-button type (alternate)
2. Characteristics
DATA (electrical life, for toggle standard type)
Tested condition: 250 V AC, Power factor: 0.6 and 10 cpm
Kind of load
AC
DC
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Inductive load
15A 250V (power factor: 0.6)
0.3A 250V (time constant: 8 ms),
0.5A 125V (time constant: 8 ms)
15A 30V (time constant: 8 ms)
Lamp load
(incandescent)
400W 100V, 800W 200V, Inrush current: Max. 40 A
7A 30V
Motor load
400 W 125 V (single phase), 550 W 250 V (single phase),
750 W 250 V (three-phase)
—
Kind of load
AC
DC
Resistive load
10A 250V
0.4A 250V, 0.8A 125V, 8A 30V
Kind of load
AC
DC
Resistive load
15A 250V
0.5A 250V, 0.9A 125V, 15A 30V
Shape of actuator
Toggle type
Rocker type
Push-button type
Protection grade
*1: IP40
*2: IP64
*3: IP67
Standard type (*1)
Panel-sealed type (*3)
Terminal-sealed type (*3)
Wire leads type (*3)
Standard type (*1)
Panel-sealed type (*2)
Terminal-sealed type (*2)
Wire leads type (*2)
Standard type (*1)
Panel-sealed type (*3)
Mechanical
expected life
1-pole and 2-pole:
Min. 105
3-pole and 4-pole:
Min. 8.5
104
Min. 5
104 (20 cpm)
ON-OFF, ON-ON,
ON-OFF-ON,
Min. 3
104 (20 cpm)
ON-(ON), (ON)-OFF-(ON),
ON-OFF-(ON)
Min. 3
104 (20 cpm)
Electrical expected life
(10 cpm)
Standard and panel-sealed types: Min. 3
104
Terminal-sealed and wire leads types: Min. 1.5
104
Standard type: Min. 3
104
Panel-sealed, terminal-
sealed and wire leads types:
Min. 104
Min. 104
Dielectric strength
1500 Vrms (at detection current: 10mA)
Insulation resistance
Min. 100 M
 (at 500 V DC measured by insulation resistive meter)
Contact resistance
Initial, max. 10 m
 (by voltage drop at 1 A, 2 to 4 V DC)
Wire leads type only: Initial, max. 30 m
 (by voltage drop at 1 A, 2 to 4 V DC)
Actuator strength
112.7N for 1 min. (for operating direction)
Vibration resistance
10 to 55 Hz at double amplitude of 1.5 mm (contact opening: max. 10 ms)
Terminal strength
(static load)
24.5N for 1 min.
Ambient temperature
–25
C to +70C (not freezing below 0C)
Contact material
AgZnO alloy
Current (A)
2-pole and 1pole types
4-pole and 3-pole types
2
0
1
2
3
4
5
6
7
8
9
10
610
14
18
22
26
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com