Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 8 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 8 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 11Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 12Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 8. 2CPS With Broken Cable Detection and Silver Alloy Contacts Order Guide
Catalog Listing
Bar Chart
¢
Contact Closed
¨
Contact Open
Notes
2CPSA1A1
1/2 in NPT 2NO/2NC
Left
Switch
21-22
13-14
Slackened
cable
Pulled
cable
Proper
cable
tension
12,7
[0.5]
7,9
[0.31]
3,8
[0.15]
3,8
[0.15]
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
9,9
[0.39]
0
Right
Switch
21-22
13-14
ü
Both
2CPSA1A1A
1/2 in NPT 2NO/2NC
ü
Both
24
Vdcdc
2CPSA1A1A-FW 1/2 in NPT 2NO/2NC
ü
Both
24 Vdc
10-pin Brad
Harrison
connector
2CPSA1A1B
1/2 in NPT 2NO/2NC
ü
Both
120
Vac
2CPSA1A2
1/2 in NPT 2NO/2NC
ü
Left only
2CPSA1A2A
1/2 in NPT 2NO/2NC
ü
Left only
24 Vdc
2CPSA1A2A-FW 1/2 in NPT 2NO/2NC
ü
Left only
24 Vdc
10-pin Brad
Harrison
connector
2CPSA1A2B
1/2 in NPT 2NO/2NC
ü
Left only
120
Vac
2CPSA1A3
1/2 in NPT 2NO/2NC
ü
Right only
2CPSA1A3A
1/2 in NPT 2NO/2NC
ü
Right only 24 Vdc
2CPSA1A3A-FW 1/2 in NPT 2NO/2NC
ü
Right only 24 Vdc
10-pin Brad
Harrison
connector
2CPSA1A3B
1/2 in NPT 2NO/2NC
ü
Right only 120
Vac
2CPSA2A1
1/2 in NPT 2NO/2NC
ü
Both
2CPSA2A1A
1/2 in NPT 2NO/2NC
ü
Both
24 Vdc
2CPSA2A1B
1/2 in NPT 2NO/2NC
ü
Both
120
Vac
2CPSA2A2
1/2 in NPT 2NO/2NC
ü
Left only
2CPSA2A2A
1/2 in NPT 2NO/2NC
ü
Left only
24 Vdc
2CPSA2A2B
1/2 in NPT 2NO/2NC
ü
Left only
120
Vac
2CPSA2A3
1/2 in NPT 2NO/2NC
ü
Right only
2CPSA2A3A
1/2 in NPT 2NO/2NC
ü
Right only 24 Vdc
2CPSA2A3B
1/2 in NPT 2NO/2NC
ü
Right only 120
Vac
2CPSC1A1
20 mm
2NO/2NC
ü
Both
2CPSC1A1A
20 mm
2NO/2NC
ü
Both
24 Vdc
2CPSC1A2
20 mm
2NO/2NC
ü
Left only
2CPSC1A2A
20 mm
2NO/2NC
ü
Left only
24 Vdc
2CPSC1A3
20 mm
2NO/2NC
ü
Right only
2CPSC1A3A
20 mm
2NO/2NC
ü
Right only 24 Vdc
2CPSC2A1A
20 mm
2NO/2NC
ü
Both
24 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com