Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 11Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 12Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 13Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 14Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 15Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Figure 5. 2CPS Dimensional Drawing
92,89 mm
[3.66 in]
40,39 mm
[1.59 in]
84,07 mm
[3.31 in]
40,39 mm
[1.59 in]
66,8 mm
[2.63 in]
19,05 mm
[0.75 in]
Manual reset button
323,85 mm [12.75 in] approx. at actuation
152,4 mm [6.0 in]
152,4 mm
[6 in]
12,7 mm
[0.5 in]
52,07 mm
[2.05 in]
2X 7,11 mm [0.28 in]
2X 9,14 mm [0.36 in]
Indicator version only
18,29 mm [0.72 in]
81,3 mm
[3.2 in]
2X mounting pad
3X conduit thread
2X 31,75 mm [1.25 in]
2X mounting pad
2X 6,9 mm [0.27 in]
3X 12,46 mm [0.845 in]
139,7 mm [5.50 in]
57,15 mm
[2.25 in]
12,7 mm [0.5 in]
104,78 mm [4.125 in]
2X 7,11 mm
[0.28 in]
34,93 mm [1.375 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com