Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 11Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 12Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 13Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 14Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 15Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 10. Accessories/Hardware Packets
Catalog Listing
Accessory
CLSZC1
Cable - 7,6 m [25 ft] length
CLSZC2
Cable - 15,2 m [50 ft] length
CLSZC3
Cable - 30,5 m [100 ft] length
CLSZC4
Cable - 45,7 m [150 ft] length
CLSZC5
Cable - 61 m [200 ft] length
CLSZC7
Cable - 76,2 m [250 ft] length
CLSZTC
(2) Thimbles
(2) Low-profile duplex cable clamps
CLSZ1S
(1) Draw-bar endspring
CPSZ1E
M6 x 1 x 60 mm eyebolt
CPSZ1S
(1) Draw-bar endspring
CPSZK1
(1) J-hook turnbuckle with lock nuts
(2) Thimbles
(2) Low-profile duplex cable clamps
(16) Sets of cable supports [(16) 1/4-20 eye bolts, (32) 1/4-20 nuts, (32) flat washers, (16) lock washers]
CPSZK2
European hardware packet
(1) J-hook turnbuckle with lock nuts
(2) Thimbles
(2) Stainless steel cable clamps
(16) Sets of cable supports [(16) 1/4-20 eye bolts, (32) 1/4-20 nuts, (32) flat washers, (16) lock washers]
CPSZTB
J-hook turnbuckle with lock nuts (included with 2CPS)
CPSLED24
Multi-cluster LED accessory - 24 Vdc (conduit mount)
CPSLED120
Multi-cluster LED accessory - 120 Vac (conduit mount)
CPS-BRACKET
Mounting bracket (to be used with 1CPS or 2CPS)
Figure 8. CPSLED Dimensional Drawing
Figure 9. CPS-Bracket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com