Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  CPSLED120 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 5Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Datasheet
MICRO SWITCH Cable-Pull Safety Switches
CPS Series
DESCRIPTION
Honeywell’s MICRO SWITCH CPS Series Cable-Pull Safety
Switches provide a readily accessible emergency stop signal, a
cost-effective means compared to using multiple emergency
stop push-buttons. The CPS Series Cable Pull Safety Switch’s
internal mechanism latches on both slackened cable (push)
and pulled cable.
The 1CPS is intended for use in applications where the cable
span is 76 m [250 ft] or shorter. It is an economical solution for
shorter runs or zone protection typical to automated systems.
The 2CPS Series is intended for use in very long cable runs of
152 m [500 ft] or shorter, such as long conveyor lines found in
warehouses.
A line in the midpoint of the cable tension window indicates
proper cable tension, providing easy set-up. The direct opening
switch contacts are held closed when the actuating cable is
under proper tension and the reset knob is set to the RUN
position. When the actuating cable is pulled, slackened, or
broken, a cam positively opens the NC (Normally Closed)
switch contacts. The snap-action operation causes the switch
contacts to change state and mechanically latch almost
simultaneously when the cable is pulled, slackened, or broken.
The NC switch contacts remain open until the CPS is reset by
properly tensioning the cable and manually rotating the reset
knob.
When the direct opening switch contacts open, the auxiliary
contacts also actuate (open contacts close). The auxiliary
contacts are electrically isolated from the direct-opening
switch contacts. These NO (Normally Open) contacts may be
used for monitoring or signaling.
DIFFERENTIATION
• Internal mechanism latches on both slackened cable (push)
and pulled cable
FEATURES
• Direct opening action of NC (Normally Closed) contacts
• 2CPS: 2NO/2NC, 1NO/3NC, or 4NC contact configurations
• 1CPS: 1NO/1NC, 2NO/2NC, 1NO/3NC, or 4NC contact
configurations
• Typical cable span of 76 m [250 ft] in an environment with
a temperature change of ±17 °C [±30 °F]. Longer spans
are possible depending upon temperature change and
installation
• Choice of three actuator configurations (2CPS)
• Removable contact block version available (2CPS)
• J-hook turnbuckle included (2CPS)
• Large wiring cavity with straight-through wiring
• Models avaliable without broken cable, slack-cable detection
• 24 Vdc or 120 Vac bright, multi-cluster high-intensity LED
status indicator light available on 2CPS. Single LED on 1CPS
• Gold-plated contacts are standard on 2CPS, available on
1CPS
• Electrostatic, epoxy-coated, die-cast zinc housing
• Optional hardware packets available
POTENTIAL INDUSTRIAL APPLICATIONS
• Long conveyor systems found in warehouses and
distribution centers
• Conveyor systems with a high amount of vibration
• Conveyor systems that experience wide temperature swings
• Long conveyor systems where easy-through wiring, or highly
visible trip status, is required
• Perimeter guarding in hose-down conditions
• Packaging equipment
• Assembly lines
VALUE TO CUSTOMERS
• Cost-effective means of providing an emergency stop signal
compared to multiple emergency stop push buttons
• Capability enhances productivity by minimizing nuisance
stops due to variations in temperature, stretch of cable over
time, or other application variables
• Direct opening of normally closed contacts when cable is
actuated
PORTFOLIO
The CPS Series is the largest switch in Honeywell’s MICRO
SWITCH line of safety switches. For more details on the
extensive line of Honeywell safety switches, click here.
Safety and Productivity Solutions
004785
Issue 3


Similar Part No. - CPSLED120

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
CPSLED120 HONEYWELL-CPSLED120 Datasheet
716Kb / 10P
Cable Pull Safety Switch
April 2003
More results

Similar Description - CPSLED120

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
LRTS ALLEN-BRADLEY-LRTS Datasheet
85Kb / 2P
Cable (Rope) Pull Switches
440E-L13133 ALLEN-BRADLEY-440E-L13133 Datasheet
176Kb / 6P
Cable (Rope) Pull Switches
440E-D13120 ALLEN-BRADLEY-440E-D13120 Datasheet
136Kb / 4P
Cable (Rope) Pull Switches
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
MICRO SWITCH??Basic Switches Line Guide
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
MICRO SWITCH Premium Miniature Basic Switches
GKE HONEYWELL-GKE Datasheet
792Kb / 6P
MICRO SWITCH Key Actuated Safety Switches
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
MICRO SWITCH??Sealed Subminiature Basic Switches
002381 HONEYWELL-002381 Datasheet
1Mb / 9P
MICRO SWITCH Miniature Precision Limit Switches
05/19
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
MICRO SWITCH Standard Miniature Basic Switches
06/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com