Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPSLED120 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # CPSLED120
Description  MICRO SWITCH Cable-Pull Safety Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CPSLED120 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button CPSLED120 Datasheet HTML 6Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 7Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 8Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 9Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 10Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 11Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 12Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 13Page - Honeywell Solid State Electronics Center CPSLED120 Datasheet HTML 14Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 sensing.honeywell.com
MICRO SWITCH Cable-Pull Safety Switches, CPS Series
Table 9. 2CPS Without Broken Cable Detection and With Silver Alloy Contacts Order Guide
Catalog Listing
Bar Chart
¢
Contact Closed
¨
Contact Open
Notes
2CPSA1A4
1/2 in NPT 2NO/2NC
Left
Switch
21-22
13-14
Pulled
cable
7,9
[0.31]
12,7
[0.5]
9,9
[0.39]
0
Right
Switch
21-22
13-14
ü
Both
2CPSA1A4B
1/2 in NPT 2NO/2NC
ü
Both
120 Vac
2CPSA1A5B
1/2 in NPT 2NO/2NC
ü
Left only
120 Vac
2CPSA1A6B
1/2 in NPT 2NO/2NC
ü
Right only 120 Vac
2CPSA2A4A
1/2 in NPT 2NO/2NC
ü
Both
24 Vdc
2CPSA2A4B
1/2 in NPT 2NO/2NC
ü
Both
120 Vac
2CPSC1A4-F02
20 mm
2NO/2NC
ü
Both
No turnbuck-
les included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com