Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03208AS-HT Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 3 Page - PUI audio inc.

  AS03208AS-HT Datasheet HTML 1Page - PUI audio inc. AS03208AS-HT Datasheet HTML 2Page - PUI audio inc. AS03208AS-HT Datasheet HTML 3Page - PUI audio inc. AS03208AS-HT Datasheet HTML 4Page - PUI audio inc. AS03208AS-HT Datasheet HTML 5Page - PUI audio inc. AS03208AS-HT Datasheet HTML 6Page - PUI audio inc. AS03208AS-HT Datasheet HTML 7Page - PUI audio inc. AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Announcement
PUI Audio is excited to introduce a new lineup of high quality speakers, available in sizes
ranging from 20mm to 58mm. These new speakers’ features excellent frequency response,
slim profile, new footprints, and low total harmonic distortion. Additionally, some models are
ingress protected and can withstand high temperatures up to 85
℃, which makes them ideal
for harsh and hazardous environments. To simplify installation, several models feature flange
mount.
Whether you're developing hand-held devices, portable gadgets, or any application that
demands a compact and powerful speaker solution, these new offerings from PUI Audio are
the perfect fit.
* • SPL noted above is at the rated input power and at a distance of 10 cm.
* • For smaller speakers, resonant frequency noted is in within an enclosure, please reference actual specification.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com