Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03208AS-HT Datasheet(PDF) 5 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 5 Page - PUI audio inc.

  AS03208AS-HT Datasheet HTML 1Page - PUI audio inc. AS03208AS-HT Datasheet HTML 2Page - PUI audio inc. AS03208AS-HT Datasheet HTML 3Page - PUI audio inc. AS03208AS-HT Datasheet HTML 4Page - PUI audio inc. AS03208AS-HT Datasheet HTML 5Page - PUI audio inc. AS03208AS-HT Datasheet HTML 6Page - PUI audio inc. AS03208AS-HT Datasheet HTML 7Page - PUI audio inc. AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Understanding T/S Parameters
• Equivalent Volume of Air (VAS): The volume of air that has the same
compliance as the speaker’s and is mainly used for sealed boxes (without a
vent).
• DC Resistance (Re): The resistance of the voice coil, which influences the
electrical properties and power handling capabilities of the speaker.
• Effective Piston Area (Sd): The region of the diaphragm that actively
participates in sound generation influences the speaker's efficiency.
• Maximum Linear Excursion(Xmax): The maximum distance the diaphragm can
move in one direction and determines the speaker’s ability to reproduce low-
frequency content.
• Power Handling (Pe): The maximum power the speaker can handle. (Pe is
actually thermal power, determined by the maximum continuous power
rating)
• Force Factor (BL): The motor strength of the speaker, as a product of the
magnetic field strength (B) and the length of wire in the magnetic field (L).
T/S parameters are vital considerations in selecting speakers, yet the emphasis
should not solely be on high or low values. Overall, the speaker's suitability should
align with the intended application. Take, for instance, scenarios requiring the
reproduction of human voices in music. In such cases, a speaker capable of
covering the entire spectrum of human vocal range—with a low resonant
frequency —is paramount for faithful reproduction. However, in other cases
necessitating smaller, more efficient speakers where high fidelity is less critical,
designing around a lower resonant frequency may not be as imperative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com