Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03208AS-HT Datasheet(PDF) 14 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 14 Page - PUI audio inc.

Back Button AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. AS03208AS-HT Datasheet HTML 10Page - PUI audio inc. AS03208AS-HT Datasheet HTML 11Page - PUI audio inc. AS03208AS-HT Datasheet HTML 12Page - PUI audio inc. AS03208AS-HT Datasheet HTML 13Page - PUI audio inc. AS03208AS-HT Datasheet HTML 14Page - PUI audio inc. AS03208AS-HT Datasheet HTML 15Page - PUI audio inc. AS03208AS-HT Datasheet HTML 16Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Higher Power Analog Amplifier
For those applications that require more than 1W of drive power, the circuit shown in
Figure 5 will meet that need. This amplifier can deliver up to 20W while operating on
a 45V supply voltage. The output power scales with supply voltage: if 10W is desired,
the supply voltage is a nominal 32V.
Figure 5. Single-Supply, High Power Analog Amplifier
As Figure 5 shows, the value of C6 working with an 8Ω speaker load results in a high
pass filter with a cutoff frequency of approximately 9Hz. The output coupling
capacitor value can easily be changed to accommodate a high pass cutoff
consistent with a speaker’s low frequency response characteristics. Equation 2
(reproduced as Equation 3) can be used to find an alternate value of C6.
C = 1/2πR(Ω)f(Hz) Equation 3
As an example, for a speaker with a low frequency response that begins a roll-off at
300Hz, we can set the cutoff at 200Hz by changing C6 as follows:
C = 1/2π(8Ω)(200Hz)
C = 100µF
If a split power supply is available, the output capacitor can be eliminated, as shown
in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com