Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03208AS-HT Datasheet(PDF) 10 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 10 Page - PUI audio inc.

Back Button AS03208AS-HT Datasheet HTML 6Page - PUI audio inc. AS03208AS-HT Datasheet HTML 7Page - PUI audio inc. AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. AS03208AS-HT Datasheet HTML 10Page - PUI audio inc. AS03208AS-HT Datasheet HTML 11Page - PUI audio inc. AS03208AS-HT Datasheet HTML 12Page - PUI audio inc. AS03208AS-HT Datasheet HTML 13Page - PUI audio inc. AS03208AS-HT Datasheet HTML 14Page - PUI audio inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
The basic speaker model is a cone, voice coil driven permanent magnet speaker
assembly. The enclosure is designed to optimize the speaker assembly frequency
response and match the acoustic impedance of the speaker to the surrounding
media to obtain maximum efficiency and sound pressure level output. The
enclosure main goal is to prevent the speaker's back-wave from interfering with its
front wave and creating partial acoustic cancellation. Additionally and equally
important, It does allow higher possible drive voltages: the air contained within the
enclosure acts as a restorative force that works to return the diaphragm to its
quiescent position. As the drive voltage increases, producing increased excursion,
the air's spring-force increases, applying ever greater restorative force.
The equivalent electric circuit for a speaker is shown in Figure 1. (Note the similar
equivalent circuit for the electromechanical devices).
Speaker Driver
10
R = Resistance of voice coil and lead wires
L = Inductance of voice coil and lead wires
C = Distributed capacitance
The speaker resistance dominates the electrical characteristics in the normal
operating range of 500 Hz to 4 kHz and the speaker appears to be a resistive load
to the driving circuit and an inductive load with rising impedance as the drive signal’s
frequency increases to 20kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com