Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03208AS-HT Datasheet(PDF) 12 Page - PUI audio inc.

Part # AS03208AS-HT
Description  SPEAKERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03208AS-HT Datasheet(HTML) 12 Page - PUI audio inc.

Back Button AS03208AS-HT Datasheet HTML 8Page - PUI audio inc. AS03208AS-HT Datasheet HTML 9Page - PUI audio inc. AS03208AS-HT Datasheet HTML 10Page - PUI audio inc. AS03208AS-HT Datasheet HTML 11Page - PUI audio inc. AS03208AS-HT Datasheet HTML 12Page - PUI audio inc. AS03208AS-HT Datasheet HTML 13Page - PUI audio inc. AS03208AS-HT Datasheet HTML 14Page - PUI audio inc. AS03208AS-HT Datasheet HTML 15Page - PUI audio inc. AS03208AS-HT Datasheet HTML 16Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
A polarized capacitor may be used if the AC coupled output is always referenced to
ground. This is the case with any driving circuit operating from a single supply (V+
and GND). If a split supply (V+ and V-) powers the driving circuit, a non-polarized
capacitor can be used to ensure that any input offset voltage that is amplified by the
circuit is blocked at the output. This type of capacitor is required because the voltage
across it will reverse when the AC output waveform crosses the zero axis and the
most polarized electrolytic capacitors can only withstand a 1 to 3 volt reverse
polarity.
The AC RMS current should be computed or measured and compared to the
capacitor manufacturer’s permissible RMS ripple current specification. Selecting a
capacitor with a ripple that matches or exceeds the measured or computed value
contributes to a long operating life for the capacitor. The ripple current will act with
the capacitor’s Equivalent Series Resistance (ESR) value to generate heat.
Aluminum electrolytic capacitor will meet most requirements while providing a range
of ripple current specifications necessary to drive the 8Ω speaker at full power.
The optimum capacitor value should always be chosen to maximize circuit operation.
If the application only requires the generation of a single tone or limited bandwidth
audio signal, then the capacitor should be sized at the operating frequency per
equation 2.
12
Analog Amplifier Applications
Analog amplifier circuits are those that amplify a continuous analog waveform and
drive a speaker, producing acoustic output. The acoustic output is proportional to
the instantaneous amplitude of an signal applied to the amplifier’s input.
The most cost-effective means of driving a speaker is to utilize one of the many
inexpensive monolithic power audio amplifiers that are currently available from
several domestic and foreign sources. Typical complete circuits, powered by 10V to
22V, are shown in figure 3.
Figure 3: Low Power Audio Amplifier Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com