Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCF06 Datasheet HTML 2Page - STMicroelectronics STCF06 Datasheet HTML 3Page - STMicroelectronics STCF06 Datasheet HTML 4Page - STMicroelectronics STCF06 Datasheet HTML 5Page - STMicroelectronics STCF06 Datasheet HTML 6Page - STMicroelectronics STCF06 Datasheet HTML 7Page - STMicroelectronics STCF06 Datasheet HTML 8Page - STMicroelectronics STCF06 Datasheet HTML 9Page - STMicroelectronics STCF06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Description (continued)
STCF06
6/33
1
Description (continued)
In addition, a digital programmable time-out function protects the LED in case of a wrong
command from the microcontroller. An optional external NTC resistor is supported to protect
the LED against over heating.
In mobile phone applications, it is possible to reduce immediately the flash LED current
during the signal transmission using the TMSK pin. This saves battery life and gives more
priority to supply RF transmission instead of flash function.
Dedicated I²C commands allow to separately program the current intensity in flash and torch
mode using exponential steps. An auxiliary output controls an optional red LED to be used
as a recording indicator.
The device is packaged in 3x3 mm TFBGA25 with 1 mm height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com