Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCF06 Datasheet HTML 6Page - STMicroelectronics STCF06 Datasheet HTML 7Page - STMicroelectronics STCF06 Datasheet HTML 8Page - STMicroelectronics STCF06 Datasheet HTML 9Page - STMicroelectronics STCF06 Datasheet HTML 10Page - STMicroelectronics STCF06 Datasheet HTML 11Page - STMicroelectronics STCF06 Datasheet HTML 12Page - STMicroelectronics STCF06 Datasheet HTML 13Page - STMicroelectronics STCF06 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Application
STCF06
10/33
5
Application
**: Connect to VI, or GND or SDA or SCL to choose one of the 4 different I²C Slave Addresses.
***: Optional components to support auxiliary functions.
Note:
All of the above listed components refer to typical application. Operation of the STCF06 is
not limited to the choice of these external components.
Figure 3.
Application schematic
C
O
10µF
C
O
10µF
Table 5. List of external components
Component
Manufacturer
Part number
Value
Size
CI
TDK
C1608X5R0J106M
2 x 10 µF
0603
CO
TDK
C1608X5R0J106M
10 µF
0603
L (max flash 1.5 A)
TDK
VLF4014A-1R51R8-1
1.5 µH
3.8x3.5x1.4 [mm]
NTC
Murata
NCP21WF104J03RA
100 k
Ω
0805
RFL
Tyco
RL73K1JR15JTD
0.15
Ω
0603
RTR
Tyco
CRG0805F1R0
1
Ω
0805
RX
Rohm
MCR01MZPJ15K
15 k
Ω
0402
LED
Luxeon LED
LXCL-PWF1
D
STMicroelectro
nics
STPS1L20MF
(best performance)
3.8x1.9x0.85 [mm]
BAT20J (1) (smaller size)
2.7x1.35x1.13 [mm]
1.
Due to the increased voltage drop, the output current performance is decreased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com