Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCF06 Datasheet HTML 25Page - STMicroelectronics STCF06 Datasheet HTML 26Page - STMicroelectronics STCF06 Datasheet HTML 27Page - STMicroelectronics STCF06 Datasheet HTML 28Page - STMicroelectronics STCF06 Datasheet HTML 29Page - STMicroelectronics STCF06 Datasheet HTML 30Page - STMicroelectronics STCF06 Datasheet HTML 31Page - STMicroelectronics STCF06 Datasheet HTML 32Page - STMicroelectronics STCF06 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package mechanical data
STCF06
30/33
Dim.
mm.
mils.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.0
1.1
1.16
39.4
43.3
45.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.300.35
9.8
11.8
13.8
D2.93.0
3.1
114.2
118.1
122.0
D1
2
78.8
E2.93.0
3.1
114.2
118.1
122.0
E1
2
78.8
e0.5
19.7
SE
0.25
9.8
TFBGA25 mechanical data
7539979/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com