Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STCF06 Datasheet HTML 20Page - STMicroelectronics STCF06 Datasheet HTML 21Page - STMicroelectronics STCF06 Datasheet HTML 22Page - STMicroelectronics STCF06 Datasheet HTML 23Page - STMicroelectronics STCF06 Datasheet HTML 24Page - STMicroelectronics STCF06 Datasheet HTML 25Page - STMicroelectronics STCF06 Datasheet HTML 26Page - STMicroelectronics STCF06 Datasheet HTML 27Page - STMicroelectronics STCF06 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Description of internal registers
STCF06
24/33
9.8
AUXI_0~3
This 4 bits register defines the AUX LED current from 0 to 20 mA. See AUX LED Dimming
Table for reference. Loading any value between 1 and 15 also starts the AUX LED current
source timer, if enabled. The AUX LED current source is active only in Ready mode, and is
deactivated in any other mode.
9.9
AUXT_0~3
This 4 bit register controls the timer that defines the ON-time of the AUX LED current
source. ON-time starts when the AUXI register is loaded with any value other than zero, and
stops after the time defined in the AUXT register. Values from 1 to 14 of the AUXT register
correspond to an ON-time of the AUX LED ranging from 100 to 1400 ms in 100 ms steps.
The value 15 puts the AUX LED to the continuous light mode. The activation/deactivation of
the AUX LED current source is controlled using only the AUXI register.
Note:
LED current values refer to RFL = 0.15 Ω, RTR = 1 Ω.
Table 12. Auxiliary register
AUX_REG
(write mode)
MSB
LSB
SUB ADD=02
AUXI_3
AUXI_2
AUXI_1
AUXI_0
AUXT_3
AUXT_2
AUXT_1
AUXT_0
Power-ON,
SHUTDOWN MODE
RESET Value
00
000
00
0
Table 13. Auxiliary LED dimming table (1)
AUXI (hex)
01
234
567
89
A
B
C
D
E
F
AUX LED
current [mA]
0.0
1.3
2.6
4.0
5.3
6.6
8.0
9.3
10.6 12.0 13.3 14.6 16.0 17.3 18.6 20.0
1.
20 mA output current is achievable only if the supply voltage is higher than 3.3 V.
Table 14. Torch mode and flash mode dimming registers settings
T_DIM
(hex)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
F_DIM
(hex)
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
LED
current
[mA]
28
34
40
48
58
69
83
98
116
139
165
197
220
266
313
373
446
526
633
753
893
1066
1266
1513
Internal
step
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VREF1
[mV]
33
40
47
56
67
80
95
113
134
160
190
227
33
40
47
56
67
79
95
113
134
160
190
227
Sense
Resist.
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL
+
RTR
RFL RFL RFL RFL RFL RFL RFL RFL RFL
RFL
RFL
RFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com