Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF06 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STCF06
Description  1.5 A white LED driver with I²C interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF06 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STCF06 Datasheet HTML 4Page - STMicroelectronics STCF06 Datasheet HTML 5Page - STMicroelectronics STCF06 Datasheet HTML 6Page - STMicroelectronics STCF06 Datasheet HTML 7Page - STMicroelectronics STCF06 Datasheet HTML 8Page - STMicroelectronics STCF06 Datasheet HTML 9Page - STMicroelectronics STCF06 Datasheet HTML 10Page - STMicroelectronics STCF06 Datasheet HTML 11Page - STMicroelectronics STCF06 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Pin configuration
STCF06
8/33
3
Pin configuration
Figure 2.
Pin connections (bottom view)
Table 2. Pin description
Pin n°
Symbol
Name and function
E1,D2
VLX2
Inductor connection
B3
RX
RX resistor connection
D1,C2
VOUT
Output voltage
A4
NTC
NTC resistor connection
B5
FB1
Feedback pin [ILED*(RFL+RTR)]
A5
FB2
RTR bypass
B4
FB2S
Feedback pin [ILED*RFL]
E2
GND
Signal ground
C5
TMSK
TX mask input
D5
AUXL
Auxiliary LED output
D4
ADD
I²C address selection
A3
VBAT
Supply voltage
B1,C1
PVBAT
Power supply voltage
A2
VLX1A
Inductor connection
A1, B2
VLX1B
Inductor connection
E4
ATN
Attention (open drain output, active LOW)
E3
SDA
I²C data
C3, D3
PGND
Power ground
E5
SCL
I²C clock signal
C4
TRIG
Flash trigger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com