Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 7Page - STMicroelectronics ST20C2 Datasheet HTML 8Page - STMicroelectronics ST20C2 Datasheet HTML 9Page - STMicroelectronics ST20C2 Datasheet HTML 10Page - STMicroelectronics ST20C2 Datasheet HTML 11Page - STMicroelectronics ST20C2 Datasheet HTML 12Page - STMicroelectronics ST20C2 Datasheet HTML 13Page - STMicroelectronics ST20C2 Datasheet HTML 14Page - STMicroelectronics ST20C2 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 212 page
background image
11/212
®
1.7.6
On-chip peripherals
On-chip peripherals may have memory-mapped registers in the address range
PeripheralStart to PeripheralEnd. Access to these registers is represented in the
following way:
PeripheralByte[
address] references an 8-bit peripheral register
PeripheralSixteen[
address] references a 16-bit peripheral register
PeripheralWord[
address] references a 32-bit peripheral register
For all of these, the state of the peripheral referenced is that
before the instruction if
the function is used without a prime (e.g. PeripheralWord[]), and that
after the
instruction if the function is used with a prime (e.g. PeripheralWord
′[]).
For example, writing a value given by an expression,
expr, to the register at address
addr is represented by:
PeripheralWord
′[addr] ← expr
and reading a word from a peripheral is achieved by:
Areg
′← PeripheralWord[addr]
1.8
Block move registers
A group of registers is used in the implementation of block moves. These are referred
to as the ‘block move registers’ and include
Move2dBlockLength, Move2dDestStride,
and
Move2dSourceStride.
1.9
Constants
A number of data structures have been defined in this book. Each compr ises a
number of data slots that are referenced by name in the text and the following
instructions descriptions.
These data structures is listed in Table 1.2 to Table 1.4.
word offset
slot name
purpose
0
pw.Temp
slot used by some instructions for storing temporary values
-1
pw.Iptr
the instruction pointer of a descheduled process
-2
pw.Link
the address of the workspace of the next process in scheduling list
-3
pw.Pointer
saved pointer to communication data area
-3
pw.State
saved alternative state
-4
pw.TLink
address of the workspace of the next process on the timer list
-5
pw.Time
time that a process on a timer list is waiting for
Table 1.1 Process workspace data structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com