Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C2 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 11Page - STMicroelectronics ST20C2 Datasheet HTML 12Page - STMicroelectronics ST20C2 Datasheet HTML 13Page - STMicroelectronics ST20C2 Datasheet HTML 14Page - STMicroelectronics ST20C2 Datasheet HTML 15Page - STMicroelectronics ST20C2 Datasheet HTML 16Page - STMicroelectronics ST20C2 Datasheet HTML 17Page - STMicroelectronics ST20C2 Datasheet HTML 18Page - STMicroelectronics ST20C2 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 212 page
background image
15/212
®
• if condition
statement
else if
condition
statement
else
statement
These conditions can be nested. Braces, {}, are used to group statements which are
dependent on a condition. For example, the
cj (conditional jump) instruction contains
the following lines:
if (Areg = 0)
IptrReg
′← next instruction + n
Symbol
Meaning
Integer arithmetic with overflow checking
+
checked
−
checked
×
checked
Add, subtract, and multiply of signed integers. If the computation overflows an
IntegerOverflow is signalled and the result of the operation is truncated to the
word length.
Unchecked (modulo) integer arithmetic
+
−
×
/
rem
Integer add, subtract, multiply, divide and remainder. If the computation over-
flo ws the result of the operation is truncated to the word length. If a divide or
remainder by zero occurs the result of the operation is undefined. No errors are
signalled. The operator ‘
−’ is also used as a monadic operator. The sign of the
remainder is the same as the sign of the dividend.
Signed comparison operators
<
>
≤
≥
=
≠
Comparisons of signed integer and floating point v alues: ‘less than’, ‘greater
than’, ‘less than or equal’, ‘greater than or equal’, ‘equal’ and ‘not equal’.
Unsigned comparison operators
<
unsigned
>
unsigned
≥
unsigned
after
Comparisons of unsigned integer values: ‘less than’, ‘greater than’, ‘greater than
or equal’, and ‘after’ (for comparison of times).
Logical bitwise operations
∼ (or BITNOT)
∧ (or BITAND)
∨ (or BITOR)
⊗ (or BITXOR)
>>
<<
‘Not’ (1’s complement), ‘and’, ‘or’, ‘exclusive or’, and logical left and right shift
operations on bits in words.
Boolean operators
not
and
or
Boolean combination in conditionals.
Table 1.7 Operators used in the instruction descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com