Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C2 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 14Page - STMicroelectronics ST20C2 Datasheet HTML 15Page - STMicroelectronics ST20C2 Datasheet HTML 16Page - STMicroelectronics ST20C2 Datasheet HTML 17Page - STMicroelectronics ST20C2 Datasheet HTML 18Page - STMicroelectronics ST20C2 Datasheet HTML 19Page - STMicroelectronics ST20C2 Datasheet HTML 20Page - STMicroelectronics ST20C2 Datasheet HTML 21Page - STMicroelectronics ST20C2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 212 page
background image
®
18/212
Most instructions that involve fetching data from or storing data into memory, use word
aligned addresses (i.e. bits 1 and 0 are set to 0) and load or store four contiguous
bytes. However, there are some instructions that can manipulate part of the bit pattern
in a word, and a few that use double words.
A data item that is represented in two contiguous bytes, is referred to as a 16-bit
object. This can be stored, either in the least significant 16-bits of a word location or in
the most significant 16 bits , hence addresses of such locations are 16-bit aligned (i.e.
bit 0 is set to 0).
A data item that is represented in two contiguous words is referred to as a 64-bit
object or a double word.
Similarly, a data item represented in a single byte is sometimes referred to as an 8-bit
object.
2.3
Signed integers and sign extension
A signed integer is stored in twos-complement format and may be represented by an
N-bit object. Most commonly a signed integer is represented by a single word (32-bit
object), but as explained, it may be stored, for example, in a 64-bit object, a 16-bit
object, or an 8-bit object. In each of these formats, all the bits within the object contain
useful information.
Consider the example shown in Figure 2.2, which shows how the value -10 is stored in
a 32-bit register, firstly as an 8-bit object and secondly as a 32-bit object. Obser ve that
bits 31 to 8 are meaningful for a 32-bit object but not for an 8-bit object. These bits are
set to 1 in the 32-bit object to preserve the negative sign of the integer being
represented.
Figure 2.2 Storing a signed integer in different length objects
11 11 0110
these bit values not related to integer value
0
7
8
31
bit position
11 11 0110
0
7
8
31
bit position
11
1
...
signed integer value (-10) stored as an 8-bit object (byte)
signed integer value (-10) stored as a 32-bit object (word)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com