Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C2 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 41Page - STMicroelectronics ST20C2 Datasheet HTML 42Page - STMicroelectronics ST20C2 Datasheet HTML 43Page - STMicroelectronics ST20C2 Datasheet HTML 44Page - STMicroelectronics ST20C2 Datasheet HTML 45Page - STMicroelectronics ST20C2 Datasheet HTML 46Page - STMicroelectronics ST20C2 Datasheet HTML 47Page - STMicroelectronics ST20C2 Datasheet HTML 48Page - STMicroelectronics ST20C2 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 212 page
background image
causeerror
45/212
®
causeerror
cause error
Code: 62 FF
Description: Take a trap with the trap type set to the value in Areg. Only one bit in
Areg should be set; the position of the bit indicates the trap to be signalled. When the
trap is taken the causeerror bit in the status register is set to indicate a user generated
trap.
In the case of a scheduler trap being set then the bottom bit of Breg is used to
determine the priority of the scheduler trap. In addition when the scheduler trap is
trapping a process scheduling operation (e.g. the
run trap) the Breg is interpreted as
the process descriptor to be scheduled.
Definition:
if (Areg=2i) and (
trap type i is enabled)
{
set causeerror bit in Status
cause trap type i
}
else
Undefined effect
Error signals: The causeerror bit is set and the indicated trap signalled if enabled.
Comments:
Secondary instruction.
Sets traps independently of trap enables state.
See also:
tret sttraph ldtrap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com