Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST20C2
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST20C2 Datasheet HTML 19Page - STMicroelectronics ST20C2 Datasheet HTML 20Page - STMicroelectronics ST20C2 Datasheet HTML 21Page - STMicroelectronics ST20C2 Datasheet HTML 22Page - STMicroelectronics ST20C2 Datasheet HTML 23Page - STMicroelectronics ST20C2 Datasheet HTML 24Page - STMicroelectronics ST20C2 Datasheet HTML 25Page - STMicroelectronics ST20C2 Datasheet HTML 26Page - STMicroelectronics ST20C2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 212 page
background image
23/212
®
the timer will tick if the
ClockEnables bit is set to1. ClockEnables can be set using the
clockenb instruction and cleared using clockdis.
Error fla gs
The other machine flags referred to in the instruction definitions are listed in Table 3.4.
ErrorFlag is a pair of flags , one for each priority, set by the processor if an integer error
or integer overflow error occurs and the corresponding trap is not enabled. The
processor will immediately halt if the
HaltOnError flag is also set, or will contin ue
bit number
full name / description
0
breakpoint trap enable bit
1
integer error trap enable bit
2
integer overflow trap enable bit
3
illegal opcode trap enable bit
4
load trap trap enable bit
5
store trap trap enable bit
6
internal channel trap enable bit
7
external channel trap enable bit
8
timer trap enable bit
9
timeslice trap enable bit
10
run trap enable bit
11
signal trap enable bit
12
process interrupt trap enable bit
13
queue empty trap enable bit
15-14
reserved
16
low priority process interrupt enable bit
17
low priority timeslice enable bit
18
low priority external event enable bit
19
low priority timer alarm enable bit
20
high priority process interrupt enable bit
21
high priority timeslice enable bit
22
high priority external event enable bit
23
high priority timer alarm enable bit
31-24
reserved
Table 3.4 Enables register
fla g name
description
ErrorFlag
Untrapped arithmetic error flags
HaltOnErrorFlag
Halt the processor if the
ErrorFlag is set
Table 3.5 Error flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com