Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C4 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 62Page - STMicroelectronics ST20C4 Datasheet HTML 63Page - STMicroelectronics ST20C4 Datasheet HTML 64Page - STMicroelectronics ST20C4 Datasheet HTML 65Page - STMicroelectronics ST20C4 Datasheet HTML 66Page - STMicroelectronics ST20C4 Datasheet HTML 67Page - STMicroelectronics ST20C4 Datasheet HTML 68Page - STMicroelectronics ST20C4 Datasheet HTML 69Page - STMicroelectronics ST20C4 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 212 page
background image
devmove
®
66/212
devmove
device move
Code: 62 F4
Description: Perform a device copy between memory or memory-mapped devices.
Copies Areg bytes to address Breg from address Creg. Only the minimum number of
reads and writes required to copy the data will be performed. Each read will be to a
strictly higher (more positive) address than the one before and each write will be to a
strictly higher byte address than the one before. There is no guarantee of the relative
ordering of read and write cycles, except that a write cannot occur until the
corresponding read has been performed. The memory accesses performed by this
instruction are guaranteed to be correctly sequenced with respect to other device-
access instructions. Also the instruction is guaranteed to be executed after all normal
memory access instructions that appear before it in the code sequence, and before all
normal memory accesses that appear after it.
Definition:
if (
source and destination overlap)
Undefined effect
else for i
= 0 .. (Areg
unsigned − 1)
byte
′[Breg + i] ← byte[Creg + i]
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: none
Comments:
Secondar y instruction.
The effect of the instruction is undefined if the source and destination overlap.
Instruction is interruptible.
Devmove will not operate from or to peripheral addresses.
See also:
move



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com