Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C4 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 8Page - STMicroelectronics ST20C4 Datasheet HTML 9Page - STMicroelectronics ST20C4 Datasheet HTML 10Page - STMicroelectronics ST20C4 Datasheet HTML 11Page - STMicroelectronics ST20C4 Datasheet HTML 12Page - STMicroelectronics ST20C4 Datasheet HTML 13Page - STMicroelectronics ST20C4 Datasheet HTML 14Page - STMicroelectronics ST20C4 Datasheet HTML 15Page - STMicroelectronics ST20C4 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 212 page
background image
®
12/212
In addition, a number of constants are used to identify word length related values etc.;
These are listed in Table 1.5 .
A number of values are used by the ST20 to indicate the state of a process and other
conditions. These are listed in Table 1.6.
word offset
slot name
purpose
0
le.Index
contains the loop control variable
1
le.Count
contains number of iterations left to perform
Table 1.2 Loop end data structure
word offset
slot name
purpose
1
pp.Count
contains unsigned count of parallel processes
0
pp.IptrSucc
contains pointer to first instr uction of successor process
Table 1.3 Parallel process data structure
word offset
slot name
purpose
2
s.Back
back of waiting queue
1
s.Front
front of waiting queue
0
s.Count
number of extra processes that the semaphore will allow to continue
running on a
wait request
Table 1.4 Semaphore data structure
Name
Value
Meaning
BitsPerByte
8 The number of bits in a byte.
BitsPerWord
32 The number of bits in a word.
ByteSelectMask
#00000003
Used to select the byte select bits of an address.
WordSelectMask
#FFFFFFFC
Used to select the byte select bits of an address.
BytesPerWord
4 The number of bytes in a word.
MostNeg
#80000000
The most negative integer value.
MostPos
#7FFFFFFF The most positive signed integer value.
MostPosUnsigned
#FFFFFFFF
The most positive unsigned integer value.
PeripheralStart
#20000000
The lowest address reserved for memory-mapped on-
chip peripherals.
PeripheralEnd
#3FFFFFFF The highest address reserved for memory-mapped on-
chip peripherals.
Table 1.5 Constants used in the instruction descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com