Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C4 Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 86Page - STMicroelectronics ST20C4 Datasheet HTML 87Page - STMicroelectronics ST20C4 Datasheet HTML 88Page - STMicroelectronics ST20C4 Datasheet HTML 89Page - STMicroelectronics ST20C4 Datasheet HTML 90Page - STMicroelectronics ST20C4 Datasheet HTML 91Page - STMicroelectronics ST20C4 Datasheet HTML 92Page - STMicroelectronics ST20C4 Datasheet HTML 93Page - STMicroelectronics ST20C4 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 212 page
background image
in
®
90/212
in
input message
Code: F7
Description: Input a message. The corresponding output is performed by an
out,
outword or outbyte instruction, and must specify a message of the same length. Areg
is the unsigned length in bytes, Breg is a pointer to the channel and Creg is a pointer
to where the message is to be stored. The process executing
in will be descheduled if
the channel is external or is not ready, and is rescheduled when the communication is
complete.
Definition:
Synchronize, and input Aregunsigned bytes from channel Breg to address Creg
Areg
′← undefined
Breg
′← undefined
Creg
′← undefined
Error signals: Can cause
InternalChannel or ExternalChannel trap to be signalled (if
enabled) when the process is rescheduled after synchronization.
Comments:
Secondar y instruction.
Instruction is a descheduling point.
Instruction is interruptible.
See also:
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com