Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C4 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 4Page - STMicroelectronics ST20C4 Datasheet HTML 5Page - STMicroelectronics ST20C4 Datasheet HTML 6Page - STMicroelectronics ST20C4 Datasheet HTML 7Page - STMicroelectronics ST20C4 Datasheet HTML 8Page - STMicroelectronics ST20C4 Datasheet HTML 9Page - STMicroelectronics ST20C4 Datasheet HTML 10Page - STMicroelectronics ST20C4 Datasheet HTML 11Page - STMicroelectronics ST20C4 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 212 page
background image
®
8/212
This section also describes any situations where the operation of the instruction is
undefined or invalid.
Example
Using the
add instruction as an example again, the comments listed are:
Comments:
Secondary instruction.
This says that
add is a secondar y instruction.
1.7
Notation
The following sections give a full description of the notation used in the ‘definition’
section of the instruction descriptions.
1.7.1
The processor state
The processor state consists of the registers (mainly Areg, Breg, Creg, Iptr, and
Wptr), the contents of memory, and various flags and special registers (such as the
error flags , process queue pointers, clock registers, etc.).
The Wptr register is used for the address of the workspace of the current process.
This address is word aligned and therefore has the two least significant bits set to
zero. Wdesc is used for the ‘process descriptor’ — the value that is held in memory as
an identifier of the process when the process is not being executed. This value is
composed of the top 31 bits of the Wptr plus the process priority stored in bit 0 of the
word. Bit 0 is set to 0 for high priority processes and 1 for low priority processes. Bit 1
of the process descriptor is always 0.
1.7.2
General
The instruction descriptions are not intended to describe the way the instructions are
implemented, but only their effect on the state of the processor. So, for example, the
block move instructions are described in terms of a sequence of
byte reads and writes
even though the instructions are implemented to perform the minimum number of
word reads and writes.
Comments (in
italics) are used to both clarify the description and to describe actions
or values that cannot easily be represented by the notation used here; e.g.
start next
process. These actions may be performed in another subsystem in the device, such
as the communications subsystem, and so any changes to machine state are not
necessarily completely synchronized with the execution of the instruction (as the
different subsystems work independently and in parallel).
Ellipses are used to show a range of values; e.g. ‘i = 0..31’ means that i has
values from 0 to 31, inclusive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com