Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20C4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST20C4
Description  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20C4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST20C4 Datasheet HTML 3Page - STMicroelectronics ST20C4 Datasheet HTML 4Page - STMicroelectronics ST20C4 Datasheet HTML 5Page - STMicroelectronics ST20C4 Datasheet HTML 6Page - STMicroelectronics ST20C4 Datasheet HTML 7Page - STMicroelectronics ST20C4 Datasheet HTML 8Page - STMicroelectronics ST20C4 Datasheet HTML 9Page - STMicroelectronics ST20C4 Datasheet HTML 10Page - STMicroelectronics ST20C4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 212 page
background image
7/212
®
1.5
Error signals
This section lists the errors and other exceptional conditions that can be signalled by
the instruction. This only indicates the error signal, not the action that will be taken by
the processor - this will depend on the trap enable bits which are set, the value in the
trap handler location, etc.
The order of the error signals listed is significant in that if a par ticular error is signalled
then errors later in the list may not be signalled. The errors that may be signalled are
as follows:
IntegerError indicates a variety of general errors such as a value out of range.
IntegerOverflow indicates that an overflow occurred during an integer arithme-
tic operation.
LoadTrap indicates that an attempt has been made to load a new trap handler.
This provides a basic mechanism for a supervisor kernel to manage user proc-
esses installing trap handlers.
StoreTrap, analogous to LoadTrap, indicates that an attempt has been made to
store a trap handler so that it can be inspected. Again this allows a supervisor
kernel to manage the trap system used by user processes.
Example
As an example, the error signals listed for the
add instruction are:
Error signals:
IntegerOverflow can be signalled by +checked
So, the only error that can be caused by
add is an integer overflow during the addition
of Areg and Breg.
1.6
Comments
This section is used for listing other information about the instructions that may be of
interest. Firstly, there is an indication of the type of the instruction. These are:
“Primary instruction” — indicates one of the 13 functions which are directly
encoded in a single byte instruction.
“Secondar y instruction” — indicates an instruction which is encoded using
opr.
Then there is information concerning the scheduling of the process:
“Instruction is a descheduling point” — a process may be descheduled after
executing this instruction.
“Instruction is a timeslicing point” — a process may be timesliced after execut-
ing this instruction.
“Instruction is interruptible” — the execution of this instruction may be inter-
rupted by a high priority process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com