Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080A Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST5080A
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST5080A Datasheet HTML 4Page - STMicroelectronics ST5080A Datasheet HTML 5Page - STMicroelectronics ST5080A Datasheet HTML 6Page - STMicroelectronics ST5080A Datasheet HTML 7Page - STMicroelectronics ST5080A Datasheet HTML 8Page - STMicroelectronics ST5080A Datasheet HTML 9Page - STMicroelectronics ST5080A Datasheet HTML 10Page - STMicroelectronics ST5080A Datasheet HTML 11Page - STMicroelectronics ST5080A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
rectly drive an earpiece. Preceding the outputs is
a programmable attenuation amplifier, which must
be set by writing to bits 4 to 7 in register CR6. At-
tenuations in the range 0 to -15 dB relative to the
maximum level in 1 dB step can be programmed.
The input of this programmable amplifier is the
summ of several signals which can be selected
by writing to register CR4.:
- Receive speech signal which has been de-
coded and filtered,
- Internally generated tone signal, (Tone ampli-
tude is programmed with bits 4 to 7 of register
CR7),
- Sidetone signal, the amplitude of which is pro-
grammed with bits 0 to 3 of register CR5
VFR+ and VFR- outputsare capable of driving output
power level up to 14mW into differentially con-
nected load impedance between 100 and 400
Ω.
Differential outputs LS+,LS- are intended to di-
rectly drive a Loudspeaker. Preceding the outputs
is a programmable attenuation amplifier, which
must be set by writing to bits 0 to 3 in register
CR6. Attenuations in the range 0 to -30 dB rela-
tive to the maximum level in 2.0 dB step can be
programmed. The input of this programmable am-
plifier can be the summ of signals which can be
selected by writing to register CR4:
- Receive speech signal which has been de-
coded and filtered,
- Internally generated tone signal, (Tone ampli-
tude is programmed with bits 4 to 7 of register
CR7),
- EAIN input which may be an alternate Ring
signal or any voice frequency band limited
signal. (An external decoupling capacitor of
about 0.1
µF is necessary).
Receive voice signal may be directed to output
HFO by means of bit HFE in Register CR4. After
processing, signal must be re-entered through in-
put HFI to Loudspeaker amplifier input. (An exter-
nal decoupling capacitor of about 0.1
µF is neces-
sary).
LS+ and LS- outputs are capable of driving output
power level up to 80 mW into 50
Ω differentially
connected load impedance at low distortion meet-
ing PCM channel specifications. When the signal
source is a Ring squarewave signal, power levels
up to approximatively 200 mW can be delivered.
Anti-acoustic feed-back for loudspeaker to hand-
set microphone loop with squelch effect: on chip
switchable anti-larsen for loudspeaker to handset
microphone feedback is implemented. A 12dB
depth gain control on both transmit and receive
path is provided to keep constant the loop gain.
On the transmit path the 12dB gain control is pro-
vided starting from the CR5 transmit gain defini-
tion; at the same time, on the receive path the
12dB gain control is provided starting from CR6
receive gain definition.
Digital and Control Interface:
PIAFE provides a choice of either of two types of
Digital Interface for both control data and PCM.
For compatibility with systems which use time slot
oriented PCM busses with a separate Control In-
terface, as used on COMBO I/II families of de-
vices, PIAFE functions are described in next sec-
tion.
Alternatively, for systems in which PCM and con-
trol data are multiplexed together using GCI inter-
face scheme, PIAFE functions are described in
the section following the next one.
PIAFE will automatically switch to one of these
two types of interface by sensing the MS pin.
Due to Line Transceiver clock recovery circuitry, a
low jitter may be provided on FS and MCLK
clocks. FS and MCLK must be always in phase.
For ST5421S Transceiver, as an example,
maximun value of jitter amplitude is a step of 65
ns at each GCI frame (125
µs). So, the maximum
jitter amplitude is 130 ns pk-pk.
COMBO I/II mode.
Digital Interface (Fig. 1)
FS Frame Sync input determines the beginning of
frame. It may have any duration from a single cy-
cle of MCLK to a squarewave. Two different rela-
tionships may be established between the Frame
Sync input and the first time slot of frame by set-
ting bit 3 in register CR0. Non delayed data mode
is similar to long frame timing on ETC5057/
TS5070 series of devices (COMBO I
and
COMBO II respectively): first time slot begins
nominally coincident with the rising edge of FS.
Alternative is to use delayed data mode, which is
similar to short frame sync timing on COMBO I or
COMBO II, in which FS input must be high at least
a half cycle of MCLK earlier the frame beginning.
A time slot assignment circuit on chip may be
used with both timing modes, allowing connection
to one of the two B1 and B2 voice data channels.
Two data formats are available: in Format 1, time
slot B1 corresponds to the 8 MCLK cycles follow-
ing immediately the rising edge of FS, while time
slot B2 corresponds to the 8 MCLK cycles follow-
ing immediately time slot B1.
In Format 2, time slot B1 is identical to Format 1.
Time slot B2 appears two bit slots after time slot
B1. This two bits space is left available for inser-
tion of the D channel data.
Data format is selected by bit FF (2) in register
CR0. Time slot B1 or B2 is selected by bit T0 (0)
in Control Register CR1.
Bit EN (2) in control register CR1 enables or dis-
ables the voice data transfer on DX and DR as
appropriate. During the assigned time slot, DX
ST5080A
8/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com