Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080A Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST5080A
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST5080A Datasheet HTML 17Page - STMicroelectronics ST5080A Datasheet HTML 18Page - STMicroelectronics ST5080A Datasheet HTML 19Page - STMicroelectronics ST5080A Datasheet HTML 20Page - STMicroelectronics ST5080A Datasheet HTML 21Page - STMicroelectronics ST5080A Datasheet HTML 22Page - STMicroelectronics ST5080A Datasheet HTML 23Page - STMicroelectronics ST5080A Datasheet HTML 24Page - STMicroelectronics ST5080A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
POWER SUPPLIES
While pins of PIAFE device are well protected
against electrical misuse, it is recommended that
the standard CMOS practise of applying GND be-
fore any other connections are made should al-
ways be followed. In applications where the
printed circuit card may be plugged into a hot
socket with power and clocks already present, an
extra long ground pin on the connector should be
used.
To minimize noise sources, all ground connec-
tions to each device should meet at a common
point as close as possible to the GND pin in order
to prevent the interaction of ground return cur-
rents flowing through a common bus impedance.
A power supply decoupling capacitor of 0.1
µF
should be connected from this common point to
VCC as close as possible to the device pins.
Table 12: Examples of Usual Frequency Selection
Description
f1 value (decimal)
Theoric value (Hz)
Typical value (Hz)
Error %
Tone 250 Hz
Tone 330 Hz
Tone 425 Hz
Tone 440 Hz
Tone 800 Hz
Tone 1330 Hz
32
42
54
56
102
170
250
330
425
440
800
1330
250
328.2
421.9
437.5
796.9
1328.1
.00
–.56
–.73
–.56
–.39
–.14
DTMF 697 Hz
DTMF 770 Hz
DTMF 852 Hz
DTMF 941 Hz
DTMF 1209 Hz
DTMF 1336 Hz
DTMF 1477 Hz
DTMF 1633 Hz
89
99
109
120
155
171
189
209
697
770
852
941
1209
1336
1477
1633
695.3
773.4
851.6
937.5
1210.9
1335.9
1476.6
1632.8
–.24
+.44
–.05
–.37
+.16
–.01
.00
.00
SOL
LA
SI
DO
RE
MI flat
MI
FA
FA sharp
SOL
SOL sharp
LA
SI
DO
RE
MI
50
56
63
67
75
80
84
89
95
100
106
113
126
134
150
169
392
440
494
523.25
587.33
622.25
659.25
698.5
740
784
830.6
880
987.8
1046.5
1174.66
1318.5
390.6
437.5
492.2
523.5
586.0
625.0
656.3
695.3
742.2
781.3
828.2
882.9
984.4
1046.9
1171.9
1320.4
–.30
–.56
–.34
+.04
–.23
+.45
–.45
–.45
+.30
–.34
–.29
+.33
–.34
+.04
–.23
+.14
ST5080A
21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com