Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080A Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST5080A
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST5080A Datasheet HTML 5Page - STMicroelectronics ST5080A Datasheet HTML 6Page - STMicroelectronics ST5080A Datasheet HTML 7Page - STMicroelectronics ST5080A Datasheet HTML 8Page - STMicroelectronics ST5080A Datasheet HTML 9Page - STMicroelectronics ST5080A Datasheet HTML 10Page - STMicroelectronics ST5080A Datasheet HTML 11Page - STMicroelectronics ST5080A Datasheet HTML 12Page - STMicroelectronics ST5080A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
output shifts data out from the voice data register
on the rising edges of MCLK. Serial voice data is
shifted into DR input during the same time slot on
the falling edges of MCLK.
DX is in the high impedance Tristate condition
when in the non selected time slots.
Control Interface:
Control information or data is written into or read-
back from PIAFE via the serial control port con-
sisting of control clock CCLK, serial data input CI
and output CO, and Chip Select input, CS-. All
control instructions require 2 bytes as listed in Ta-
ble 1, with the exception of a single byte power-
up/down command.
To shift control data into ST5080A, CCLK must
be pulsed high 8 times while CS- is low. Data on
CI input is shifted into the serial input register on
the rising edge of each CCLK pulse. After all data
is shifted in, the content of the input shift register
is decoded, and may indicate that a 2nd byte of
control data will follow. This second byte may
either be defined by a second byte-wide CS-
pulse or may follow the first contiguously, i.e. it is
not mandatory for CS- to return high in between
the first and second control bytes. At the end of
Figure 2: GCI Interface Frame Structure
Figure 1: Digital Interface Format
ST5080A
9/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com