Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080A Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST5080A
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST5080A Datasheet HTML 24Page - STMicroelectronics ST5080A Datasheet HTML 25Page - STMicroelectronics ST5080A Datasheet HTML 26Page - STMicroelectronics ST5080A Datasheet HTML 27Page - STMicroelectronics ST5080A Datasheet HTML 28Page - STMicroelectronics ST5080A Datasheet HTML 29Page - STMicroelectronics ST5080A Datasheet HTML 30Page - STMicroelectronics ST5080A Datasheet HTML 31Page - STMicroelectronics ST5080A Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
ENVELOPE DELAY DISTORTION WITH FREQUENCY
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
DXA
Tx Delay, Absolute
f = 1600 Hz
320
µs
DXR
Tx Delay, Relative
f = 500 - 600 Hz
f = 600 - 800 Hz
f = 800 - 1000 Hz
f = 1000 - 1600 Hz
f = 1600 - 2600 Hz
f = 2600 - 2800 Hz
f = 2800 - 3000 Hz
225
125
50
20
55
80
130
µs
µs
µs
µs
µs
µs
µs
DRA
Rx Delay, Absolute
f = 1600 Hz
252
µs
DRR
Rx Delay, Relative
f = 500 - 1000 Hz
f = 1000 - 1600 Hz
f = 1600 - 2600 Hz
f = 2600 - 2800 Hz
f = 2800 - 3000 Hz
10
30
105
135
185
µs
µs
µs
µs
µs
NOISE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
NXC
Tx Noise, C weighted
VMIC = 0V Max. Gain
16
dBrnC0
NXP
Tx Noise, P weighted
VMIC = 0V Max. Gain
-70
dBm0p
NREC
Rx Noise, C weighted
(Earpiece)
Receive PCM code = Alternating
Positive and Negative Code
Max. Gain
18
dBrnC0
NREP
Rx Noise, P weighted
(Earpiece)
Receive PCM code = Positive Zero
Max. Gain
-70
dBm0p
NRLC
Rx Noise, C weighted
(Loudspeaker)
Receive PCM code = Alternating
Positive and Negative code
Max. Gain
21
dBrnC0
NRLP
Rx Noise, P weighted
(Loudspeaker)
Receive PCM code = Positive Zero
Max. Gain
-67
dBm0p
NRS
Noise, Single Frequency
VMIC = 0V, Loop-around
measurament from f = 0 Hz to
100 kHz
-50
dBm0
PPSRx
Positive PSRR, Tx
VMIC = 0V,
VCC = 5.0 VDC + 100 mVrms;
f = 0Hz to 50KHz
30
dB
PPSRp
Positive PSRR, Rx
PCM Code equals Positive Zero,
VCC = 5.0 VDC + 100 mVrms,
measure VFr+
f = 0Hz- 4kHz
f = 4 kHz - 50 kHz
30
30
30
dB
dB
dB
SOS
Spurious Out-Band signal at
the output
DR input set to 0 dBm0 PCM
code
300 - 3400 Hz Input PCM Code
applied at DR
4600 Hz - 5600 Hz
5600 Hz - 7600 Hz
7600 Hz - 8400 Hz
8400 Hz - 100 kHz
-40
-50
-50
-50
dB
dB
dB
dB
ST5080A
29/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com