Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5080A Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST5080A
Description  PIAFE PROGRAMMABLE ISDN AUDIO FRONT END
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5080A Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST5080A Datasheet HTML 10Page - STMicroelectronics ST5080A Datasheet HTML 11Page - STMicroelectronics ST5080A Datasheet HTML 12Page - STMicroelectronics ST5080A Datasheet HTML 13Page - STMicroelectronics ST5080A Datasheet HTML 14Page - STMicroelectronics ST5080A Datasheet HTML 15Page - STMicroelectronics ST5080A Datasheet HTML 16Page - STMicroelectronics ST5080A Datasheet HTML 17Page - STMicroelectronics ST5080A Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Table 2: Control Register CR0 Functions
76543
21
0
Function
F1
F0
MA
IA
DN
FF
B7
DL
0
0
1
1
0
1
0
1
MCLK = 512 kHz
MCLK = 1.536 MHz
MCLK = 2.048 MHz
MCLK = 2.560 MHz
*
(1)
(1)
0
1
1
X
0
1
Select MU-255 law
A-law including even bit inversion
A-law; No bit inversion
*
0
1
Delayed data timing
Non delayed data timing
*
(1)
(1)
0
1
B1 and B2 consecutive
B1 and B2 separated
*
(1)
(1)
0
1
8 bits time-slot
7 bits time-slot
*
0
1
Normal operation
Digital Loop-back
*
*:
state at power on initialization
(1):
significant in COMBO I/II mode only
Table 3: Control Register CR1 Functions
7
65432
10
Function
HFE ALE
DO
MR
MX
EN
T1
T0
0
1
HFO / HFI pins disabled
HFO / HFi pins enabled
*
0
1
Anti-larsen disabled
Anti-larsen enabled
*
0
1
L0 latch is put in high impedance
L0 latch set to 0
*
0
1
DR connected to rec. path
CR2 connected to rec. path
*
(1)
(1)
0
1
Trans path connected to DX
CR3 connected to DX
*
(1)
(1)
0
1
voice data transfer disable
voice data transfer enable
*
0
0
1
1
0
1
0
1
B1 channel selected
B2 channel selected
B1* channel selected
B2* channel selected
*
(2)
(2)
*:
state at power on initialization
(1):
significant in COMBO I / II mode only
(2):
significant in GCI mode only.
ST5080A
14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com