Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5090 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST5090
Description  LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5090 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST5090 Datasheet HTML 6Page - STMicroelectronics ST5090 Datasheet HTML 7Page - STMicroelectronics ST5090 Datasheet HTML 8Page - STMicroelectronics ST5090 Datasheet HTML 9Page - STMicroelectronics ST5090 Datasheet HTML 10Page - STMicroelectronics ST5090 Datasheet HTML 11Page - STMicroelectronics ST5090 Datasheet HTML 12Page - STMicroelectronics ST5090 Datasheet HTML 13Page - STMicroelectronics ST5090 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Table 4: Control Register CR2 Functions
7
65432
10
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
Data sent to Receive path or Data received from DR input
(1)
(1) Significant in companded mode only.
Table 5: Control Registers CR3 Functions
7
65432
10
Function
d7
d6
d5
d4
d3
d2
d1
d0
msb
lsb
DX data transmitted
(1)
(1) Significant in companded mode only
Table 6: Control Register CR4 Functions
7
65432
10
Function
VS
TE
SI
OE1
OE2 RTE
SE
0
0
1
1
0
1
0
1
Transmit input muted
MIC1 Selected
MIC2 Selected
MIC3 Selected
*
0
1
Internal sidetone disabled
Internal sidetone enabled
*
0
0
1
1
0
1
0
1
Receive output muted
VFr output selected
VLr output selected
NOT ALLOWED
*
0
1
Ring / Tone to VFr or VLr disabled
Ring / Tone to VFr or VLr enabled
*
X
0
1
Receive Signal to VFr or VLr disabled
Receive Signal to VFr or VLr enabled
*
*:
state at power on initialization
X:
reserved: write 0
ST5090
10/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com