Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5090 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST5090
Description  LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5090 Datasheet(HTML) 2 Page - STMicroelectronics

  ST5090 Datasheet HTML 1Page - STMicroelectronics ST5090 Datasheet HTML 2Page - STMicroelectronics ST5090 Datasheet HTML 3Page - STMicroelectronics ST5090 Datasheet HTML 4Page - STMicroelectronics ST5090 Datasheet HTML 5Page - STMicroelectronics ST5090 Datasheet HTML 6Page - STMicroelectronics ST5090 Datasheet HTML 7Page - STMicroelectronics ST5090 Datasheet HTML 8Page - STMicroelectronics ST5090 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
VS & TE
MIC PREAMP
20dB
+ MUTE
MIC AMP
0 -> 22.5
1.5dB STEP
DE
(A)
(B)
PREFILTER &
BANDPASS
FILTER
PCM ADC
BANDPASS
FILTER
PCM DAC
TRANSMIT
REGISTER
RECEIVE
REGISTER
-1
1
12dB
-1
1
12dB
OE
TONE, RING
& DTMF
GENER.
& FILTER
EARA OUTPUT
0 -> -30dB,
2dB STEP
EXTA OUTPUT
RTE
SE
SI
TONE AMP
0 -> -27dB
3dB STEP
SIDETONE AMP
-12.5 -> -27.5dB
1dB STEP
CONTROL INTERFACE
µ-WIRE
CLOCK GENERATOR
& SYNCHRONIZER
INTERFACE LATCH
BUZZER
DRIVER
BE
EN
EN
GNDP
GNDA
GND
VCCA
VCC
VCCP
LEVEL ADJUST
(PWM)
MIC3-
MIC2-
MIC1-
MIC2+
MIC1+
MIC3+
VFr+
VFr-
VLr-
VLr+
DX
CO
DR
CI
CS-
CCLK
FS
MCLK
LO
BZ
D93 TL074
BLOCK DIAGRAM
PIN CONNECTIONS (Top view)
N.C.
VCCA
VCCP
N.C.
VFr-
VLr-
VFr+
VLr+
GNDP
MCLK
LO
MIC2-
MIC1-
MIC2+
MIC1+
GNDA
MIC3-
MIC3+
1
3
2
4
5
6
7
8
9
26
25
24
23
22
20
21
19
27
10
28
DR
FS
D94TL094
CCLK
CS-
CI
CO
Dx
GND
11
12
13
18
16
17
15
14
BZ
VCC
1
2
3
5
6
4
7
8
9
10
17
11
18
19
20
21
22
44
43
42
41
39
40
38
37
36
35
34
28
27
26
24
23
25
33
32
31
29
30
VLr+
VLr-
N.C.
VFr-
N.C.
VFr+
N.C.
DR
N.C.
N.C.
GNDP
N.C.
N.C.
LO
FS
N.C.
MCLK
MIC1-
N.C.
MIC2+
N.C.
MIC2-
D94TL095
12
13
14
15
16
TQFP44
SO28
ST5090
2/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com