Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5090 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST5090
Description  LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5090 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST5090 Datasheet HTML 9Page - STMicroelectronics ST5090 Datasheet HTML 10Page - STMicroelectronics ST5090 Datasheet HTML 11Page - STMicroelectronics ST5090 Datasheet HTML 12Page - STMicroelectronics ST5090 Datasheet HTML 13Page - STMicroelectronics ST5090 Datasheet HTML 14Page - STMicroelectronics ST5090 Datasheet HTML 15Page - STMicroelectronics ST5090 Datasheet HTML 16Page - STMicroelectronics ST5090 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
CONTROL REGISTER CR0
First byte of a READ or a WRITE instruction to
Control Register CR0 is as shown in TABLE 1.
Second byte is as shown in TABLE 2.
Master Clock Frequency Selection
A master clock must be provided to ST5090 for
operation of filter and coding/decoding functions.
MCLK frequency can be either 512 kHz, 1.536
MHz, 2.048 MHz or 2.56 MHz.
Bit F1 (7) and F0 (6) must be set during initializa-
tion to select the correct internal divider.
Default value is 512 kHz.
Any clock different from the default one must be
selected prior a Power-Up instruction.
Coding Law Selection
Bits MA (4) and IA (3) permit selection of Mu-255
law or A law coding with or without even bit inver-
sion if companded code (bit CM = 1) is selected.
Bits MA(4) and IA(3) permit selection of 2-com-
plement, 1-complement or sign and magnitude if
linear code (bit CM = 0) is selected.
Coding Selection
Bit CM (5) permits selection either of linear coding
(14-bit) or companded coding (8-bit). Default
value is linear coding.
Digital Interface format (1)
Bit FF(2) = 0 selects digital interface in Format 1
where B1 and B2 channel are consecutive. FF=1
selects Format 2 where B1 and B2 channel are
separated by two bits. (See digital interface for-
mat section.)
56+8 selection (1)
Bit ’B7’ (1) selects capability for ST5090 to take
into account only the seven most significant bits
of the PCM data byte selected.
When ’B7’ is set, the LSB bit on DR is ignored and
LSB bit on DX is high impedance. This function al-
lows connection of an external ”in band” data
generator directly connected on the Digital Inter-
face.
Digital loopback
Digital loopback mode is entered by setting DL
bit(0) equal 1.
In Digital Loopback mode, data written into Re-
ceive PCM Data Register from the selected re-
ceived time-slot is read-back from that Register in
the selected transmit time-slot on DX.
No PCM decoding or encoding takes place in this
mode. Transmit and Receive amplifier stages are
muted.
CONTROL REGISTER CR1
First byte of a READ or a WRITE instruction to
Control Register CR1 is as shown in TABLE 1.
Second byte is as shown in TABLE 3.
Digital Interface Timing
Bit DM1(7) = 0 selects digital interface in delayed
timing mode, while DM1 = 1 and DM0 = 0 selects
non-delayed normal data timing mode, and DM1
= 1 and DM0 = 1 selects non-delayed reverse
data timing mode.
Default is delayed data timing.
Latch output control
Bit DO controls directly logical status of latch out-
put LO: ie, a ”ZERO” written in bit DO puts the
output LO at logical 1, while a ”ONE” written in bit
DO sets the output LO to zero.
Microwire access to B channel on receive
path (1)
Bit MR (4) selects access from MICROWIRE
Register CR2 to Receive path. When bit MR is
set high, data written to register CR2 is decoded
each frame, sent to the receive path and data in-
put at DR is ignored.
In the other direction, current PCM data input re-
ceived at DR can be read from register CR2 each
frame.
Microwire access to B channel on transmit
path (1)
Bit MX (3) selects access from MICROWIRE write
only Register CR3 to DX output. When bit MX is
set high, data written to CR3 is output at DX every
frame and the output of PCM encoder is ignored.
Mu 255 law
True A law even bit
inversion
A law without even bit
inversion
msb
lsb
msb
lsb
msb
lsb
Vin = + full scale
10000
00
010
101010111
11111
Vin = 0 V
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Vin = - full scale
0000000000
101010011
11111
MSB is always the first PCM bit shifted in or out of: ST5090.
(1) Significant in companded mode only
ST5090
13/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com