Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5090 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST5090
Description  LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5090 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST5090 Datasheet HTML 18Page - STMicroelectronics ST5090 Datasheet HTML 19Page - STMicroelectronics ST5090 Datasheet HTML 20Page - STMicroelectronics ST5090 Datasheet HTML 21Page - STMicroelectronics ST5090 Datasheet HTML 22Page - STMicroelectronics ST5090 Datasheet HTML 23Page - STMicroelectronics ST5090 Datasheet HTML 24Page - STMicroelectronics ST5090 Datasheet HTML 25Page - STMicroelectronics ST5090 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TRANSMISSION CHARACTERISTICS (continued)
AMPLITUDE RESPONSE (Maximum, Nominal, and Minimum Levels)
Receive path - Absolute levels at VFR (Differentially measured)
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0 dBM0 level
Receive Amp programmed for
0dB gain
1.965
VRMS
0 dBM0 level
Receive Amp programmed for
- 30dB attenuation
61.85
mVRMS
AMPLITUDE RESPONSE (Maximum, Nominal, and Minimum Levels)
Receive path - Absolute levels at VLr (Differentially measured)
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0 dBM0 level
Receive Amp programmed for
0dB gain
1.965
VRMS
0 dBM0 level
Receive Amp programmed for
- 30dB gain
61.85
mVRMS
AMPLITUDE RESPONSE
Transmit path
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
GXA
Transmit Gain Absolute
Accuracy
Transmit Gain Programmed for
maximum.
Measure deviation of Digital
PCM Code from ideal 0dBm0
PCM code at DX
-0.5
0.5
dB
GXAG
Transmit Gain Variation with
programmed gain
Measure Transmit Gain over
the range from Maximum to
minimum setting.
Calculate the deviation from
the programmed gain relative
to GXA,
i.e. GAXG =G actual -G prog. -GXA
-0.5
0.5
dB
GXAT
Transmit Gain Variation with
temperature
Measured relative to GXA.
min. gain < GX < Max. gain
-0.1
0.1
dB
GXAV
Transmit Gain Variation with
supply
Measured relative to GXA
GX = Maximum gain
-0.1
0.1
dB
GXAF
Transmit Gain Variation with
frequency
Relative to 1015,625 Hz,
multitone test technique used.
min. gain < GX < Max. gain
f = 60 Hz
f = 100 Hz
f = 200 Hz
f = 300 Hz
f = 400 Hz to 3000 Hz
f = 3400 Hz
f = 4000 Hz
f = 4600 Hz (*)
f = 8000 Hz (*)
-1.5
-0.5
-1.5
-30
-20
-6
0.5
0.5
0.0
-14
-35
-47
dB
dB
dB
dB
dB
dB
dB
dB
dB
GXAL
Transmit Gain Variation with
signal level
Sinusoidal Test method.
Reference Level = -10 dBm0
VMIC = -40 dBm0 to +3 dBm0
VMIC = -50 dBm0 to -40 dBm0
VMIC = -55 dBm0 to -50 dBm0
-0.5
-0.5
-1.2
0.5
0.5
1.2
dB
dB
dB
(*) The limit at frequencies between 4600Hz and 8000Hz lies on a straight line connecting the two frequencies on a linear (dB) scale versus log
(Hz) scale.
ST5090
22/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com