Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST5090 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST5090
Description  LOW VOLTAGE 14-BIT LINEAR CODEC WITH HIGH-PERFORMANCE AUDIO FRONT-END
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST5090 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST5090 Datasheet HTML 10Page - STMicroelectronics ST5090 Datasheet HTML 11Page - STMicroelectronics ST5090 Datasheet HTML 12Page - STMicroelectronics ST5090 Datasheet HTML 13Page - STMicroelectronics ST5090 Datasheet HTML 14Page - STMicroelectronics ST5090 Datasheet HTML 15Page - STMicroelectronics ST5090 Datasheet HTML 16Page - STMicroelectronics ST5090 Datasheet HTML 17Page - STMicroelectronics ST5090 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Transmit/Receive enabling/disabling
Bit ’EN’ (2) enables or disables voice data trans-
fer on DX and DR pins. When disabled, PCM data
from DR is not decoded and PCM time-slots are
high impedance on DX. Default value is disabled.
B-channel selection (1)
Bit TS(1) permits selection between B1 or B2
channels. Default value is B1 channel.
Supply Voltage selection
Bit SV (0) permits selection of the power supply of
the ST5090. Default value is 3.3V.
CONTROL REGISTER CR2 (1)
Data sent to receive path or data received from
DR input. Refer to bit MR(4) in ”Control Register
CR1” paragraph.
CONTROL REGISTER CR3 (1)
DX data transmitted. Refer to bit MX(3) in ”Control
Register CR1” paragraph.
CONTROL REGISTER CR4
First byte of a READ or a WRITE instruction to
Control Register CR4 is as shown in TABLE 1.
Second byte is as shown in TABLE 6.
Transmit Input Selection
MIC1 or MIC2 or MIC3 or transmit mute can be
selected with bits 6 and 7 (VS and TE).
Transmit gain can be adjusted within a 22.5 dB
range in 1.5 dB step with Register CR5.
Sidetone Selection
Bit ”SI” (5) enables or disables Sidetone circuitry.
When enabled, sidetone gain can be adjusted
with Register (CR5). When Transmit path is dis-
abled, sidetone circuit is also disabled.
Output Driver Selection
Bits OE1(4) and OE2(3) provide the selection
among the earpiece output or the extra amplifier
output or both outputs muted.
OE1 = 1 and OE2 = 1 is not allowed.
Ring/Tone signal selection
Bit RTE (2) provide select capability to connect
on-chip Ring/Tone generator either to an extra
amplifier input or to earpiece amplifier input.
PCM receive data selection
Bits ”SE” (0) provide select capability to connect
received speech signal either to an extra amplifier
input or to earpiece amplifier input.
CONTROL REGISTER CR5
First byte of a READ or a WRITE instuction to
Control Register CR5 is as shown in TABLE 1.
Second byte is as shown in TABLE 7.
Transmit gain selection
Transmit amplifier can be programmed for a gain
from 0dB to 22.5dB in 1.5dB step with bits 4 to 7.
0 dBmO level at the output of the transmit ampli-
fier (A reference point) is 0.492 Vrms (overload
voltage is 0.707 Vrms).
Sidetone attenuation selection
Transmit signal picked up after the switched ca-
pacitor low pass filter may be fed back into both
Receive amplifiers.
Attenu ation of the signal at the output of the
sidetone attenuator can be programmed from
–12.5dB to -27.5dB relative to reference point
A in 1 dB ste p with bits 0 to 3.
CONTROL REGISTER CR6
First byte of a READ or a WRITE instruction to
Control Register CR6 is as shown in TABLE 1.
Second byte is as shown in TABLE 8.
Earpiece amplifier gain selection:
Earpiece Receive gain can be programmed in 2
dB step from 0 dB to -30 dB relative to the maxi-
mum with bits 4 to 7.
0 dBmO voltage at the output of the amplifier on
pins VFr+ and VFr- is then 1.965 Vrms when 0dB
gain is selected down to 61.85 Vrms when -30dB
gain is selected.
Extra amplifier gain selection:
Extra Receive amplifier gain can be programmed
in 2 dB step from 0 dB to -30 dB relative to the
maximum with bits 0 to 3.
0 dBmO voltage on the output of the amplifier on
pins VLr+ and VLr- 1.965 Vrms when 0 dB gain is
selected down to 61.85 mVrms when -30 dB gain
is selected.
CONTROL REGISTER CR7:
First byte of a READ or a WRITE instruction to
Control Register CR7 is as shown in TABLE 1.
Second byte is as shown in TABLE 9.
(1) Significant in companded mode only
ST5090
14/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com