Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6384E
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6384E Datasheet HTML 2Page - STMicroelectronics L6384E Datasheet HTML 3Page - STMicroelectronics L6384E Datasheet HTML 4Page - STMicroelectronics L6384E Datasheet HTML 5Page - STMicroelectronics L6384E Datasheet HTML 6Page - STMicroelectronics L6384E Datasheet HTML 7Page - STMicroelectronics L6384E Datasheet HTML 8Page - STMicroelectronics L6384E Datasheet HTML 9Page - STMicroelectronics L6384E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
L6384E
6/17
3
Electrical characteristics
3.1
AC operation
3.2
DC operation
Table 5.
AC operation electrical characteristcs (VCC = 14.4V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
ton
1 vs
5,7
High/low side driver turn-on
propagation delay
Vout = 0V Rdt= 47kΩ
200+
dt
ns
tonsd
3 vs
5,7
Shut down input propagation
delay
220
280
ns
toff
1 vs
5,7
High/low side driver turn-off
propagation delay
Vout = 0V Rdt = 47kΩ
250
300
ns
Vout = 0V Rdt = 146kΩ
200
250
ns
Vout = 0V Rdt = 270kΩ
170
200
ns
tr
5,7
Rise time
CL = 1000pF
50
ns
tf
5,7
Fall time
CL = 1000pF
30
ns
Table 6.
DC operation electrical characteristcs (VCC = 14.4V; TJ = 25°C)
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage section
Vclamp
2
Supply voltage clamping
Is = 5mA
14.6
15.6
16.6
V
Vccth1
2
VCC UV turn on threshold
11.5
12
12.5
V
Vccth2
2
VCC UV turn off threshold
9.5
10
10.5
V
Vcchys
VCC UV Hysteresis
2
V
Iqccu
Undervoltage quiescent
supply current
Vcc ≤ 11V
150
µA
Iqcc
Quiescent current
Vin = 0
380
500
µA
Bootstrapped supply voltage section
Vboot
8
Bootstrap supply voltage
17
V
IQBS
Quiescent current
IN = HIGH
200
µA
ILK
High voltage leakage current
Vhvg = Vout = Vboot =
600V
10
µA
Rdson
Bootstrap driver on
resistance (1)
Vcc ≥12.5V; IN = LOW
125
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com