Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384E Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6384E
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384E Datasheet(HTML) 3 Page - STMicroelectronics

  L6384E Datasheet HTML 1Page - STMicroelectronics L6384E Datasheet HTML 2Page - STMicroelectronics L6384E Datasheet HTML 3Page - STMicroelectronics L6384E Datasheet HTML 4Page - STMicroelectronics L6384E Datasheet HTML 5Page - STMicroelectronics L6384E Datasheet HTML 6Page - STMicroelectronics L6384E Datasheet HTML 7Page - STMicroelectronics L6384E Datasheet HTML 8Page - STMicroelectronics L6384E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
L6384E
Electrical data
3/17
1
Electrical data
1.1
Absolute maximum ratings
Note:
ESD immunity for pins 6, 7 and 8 is guaranteed up to 900 V (Human Body Model)
1.2
Thermal data
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vout
Output voltage
-3 to Vboot -18
V
Vcc
Supply voltage (1)
1.
The device has an internal Clamping Zener between GND and the Vcc pin, It must not be supplied by a
Low Impedence Voltage Source.
- 0.3 to 14.6
V
Is
Supply current (1)
25
mA
Vboot
Floating supply voltage
-1 to 618
V
Vhvg
High side gate output voltage
-1 to Vboot
V
Vlvg
Low side gate output voltage
-0.3 to Vcc +0.3
V
Vi
Logic input voltage
-0.3 to Vcc +0.3
V
Vsd
Shut down/dead time voltage
-0.3 to Vcc +0.3
V
dVout/dt
Allowed output slew rate
50
V/ns
Ptot
Total power dissipation (Tj = 85 °C)
750
mW
TJ
Junction temperature
150
°C
Ts
Storage temperature
-50 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
SO-8
DIP-8
Unit
Rth(JA)
Thermal Resistance Junction to ambient
150
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com