Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384E Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6384E
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384E Datasheet(HTML) 1 Page - STMicroelectronics

  L6384E Datasheet HTML 1Page - STMicroelectronics L6384E Datasheet HTML 2Page - STMicroelectronics L6384E Datasheet HTML 3Page - STMicroelectronics L6384E Datasheet HTML 4Page - STMicroelectronics L6384E Datasheet HTML 5Page - STMicroelectronics L6384E Datasheet HTML 6Page - STMicroelectronics L6384E Datasheet HTML 7Page - STMicroelectronics L6384E Datasheet HTML 8Page - STMicroelectronics L6384E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2007
Rev 1
1/17
17
L6384E
High-voltage half bridge driver
Features
■ High voltage rail up to 600V
■ dV/dt immunity ±50V/nsec in full temperature
range
■ Driver current capability:
– 400mA source,
– 650mA sink
■ Switching times 50/30 nsec rise/fall with 1nF
load
■ CMOS/TTL Schmitt trigger inputs with
hysteresis and pull down
■ Shut down input
■ Dead time setting
■ Under voltage lock out
■ Integrated bootstrap diode
■ Clamping on VCC
■ SO-8/DIP-8 packages
Description
The L6384E is an high-voltage device,
manufactured with the BCD"OFF-LINE"
technology. It has an Half - Bridge Driver structure
that enables to drive N-channel Power MOS or
IGBT. The High Side (Floating) Section is enabled
to work with voltage Rail up to 600V. The Logic
Inputs are CMOS/TTL compatible for ease of
interfacing with controlling devices. Matched
delays between Low and High Side Section
simplify high frequency operation. Dead time
setting can be readily accomplished by means of
an external resistor.
DIP-8
SO-8
www.st.com
Figure 1.
Block diagram
LOGIC
UV
DETECTION
LEVEL
SHIFTER
RS
VCC
LVG
DRIVER
VCC
IN
DT/SD
VBOOT
HVG
DRIVER
HVG
H.V.
LOAD
OUT
LVG
GND
D97IN518A
DEAD
TIME
VCC
Idt
Vthi
BOOTSTRAP DRIVER
CBOOT
4
3
5
6
7
8
1
2


Similar Part No. - L6384E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
L6384 STMICROELECTRONICS-L6384 Datasheet
153Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
L6384D STMICROELECTRONICS-L6384D Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
More results

Similar Description - L6384E

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104 Datasheet
122Kb / 15P
High Voltage, Half Bridge Driver
March, 2008 - Rev. 2
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
HIGH-VOLTAGE HALF BRIDGE DRIVER
May-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com