Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6384E
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6384E Datasheet HTML 3Page - STMicroelectronics L6384E Datasheet HTML 4Page - STMicroelectronics L6384E Datasheet HTML 5Page - STMicroelectronics L6384E Datasheet HTML 6Page - STMicroelectronics L6384E Datasheet HTML 7Page - STMicroelectronics L6384E Datasheet HTML 8Page - STMicroelectronics L6384E Datasheet HTML 9Page - STMicroelectronics L6384E Datasheet HTML 10Page - STMicroelectronics L6384E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L6384E
Electrical characteristics
7/17
3.3
Timing diagram
Figure 3.
Input/output timing diagram
Symbol
Pin
Parameter
Test condition
Min
Typ
Max
Unit
High/Low side driver
Iso
5,7
Source short circuit current
VIN = Vih (tp < 10µs)
300
400
mA
Isi
Sink short circuit current
VIN = Vil (tp < 10µs)
500
650
mA
Logic inputs
Vil
1,3
Low level logic threshold
voltage
1.5
V
Vih
High level logic threshold
voltage
3.6
V
Iih
High level logic input current
VIN = 15V
50
70
µA
Iil
Low level logic input current
VIN = 0V
1
µA
Iref
3
Dead time setting current
28
µA
dt
3 vs
5,7
Dead time setting range (2)
Rdt = 47kΩ
Rdt = 146kΩ
Rdt = 270kΩ
0.4
0.5
1.5
2.7
3.1
µs
µs
µs
Vdt
3
Shutdown threshold
0.5
V
1.
RDS(on) is tested in the following way:
where I1 is pin 8 current when VCBOOT = VCBOOT1, I2 when VCBOOT = VCBOOT2
2.
Pin 3 is a high impedence pin. Therefore dt can be set also forcing a certain voltage V3 on this pin. The
dead time is the same obtained with a Rdt if it is: Rdt × Iref = V3.
Table 6.
DC operation electrical characteristcs (continued)(VCC = 14.4V; TJ = 25°C)
R
DSON
V
CC
V
CBOOT1
–
()
V
CC
V
CBOOT2
–
()
–
I
1 VCC,VCBOOT1
() I
2 VCC,VCBOOT2
()
–
-------------------------------------------------------------------------------------------------------
=
IN
SD
HVG
LVG
D99IN1017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com