Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6384E Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6384E
Description  High-voltage half bridge driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6384E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6384E Datasheet HTML 7Page - STMicroelectronics L6384E Datasheet HTML 8Page - STMicroelectronics L6384E Datasheet HTML 9Page - STMicroelectronics L6384E Datasheet HTML 10Page - STMicroelectronics L6384E Datasheet HTML 11Page - STMicroelectronics L6384E Datasheet HTML 12Page - STMicroelectronics L6384E Datasheet HTML 13Page - STMicroelectronics L6384E Datasheet HTML 14Page - STMicroelectronics L6384E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
L6384E
Typical characteristic
11/17
Figure 11.
Vcc UV turn On vs
temperature
Figure 12.
Output source current vs
temperature
Figure 13.
Vcc UV turn Off vs
temperature
Figure 14.
Output sink current vs
temperature
-45
-25
0
25
50
75
100
125
10
11
12
13
14
15
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
10
11
12
13
14
15
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
8
9
10
11
12
13
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
8
9
10
11
12
13
Tj (°C)
Typ.
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 14.4V
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 14.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com