Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments TMS320VC5509 Datasheet HTML 48Page - Texas Instruments TMS320VC5509 Datasheet HTML 49Page - Texas Instruments TMS320VC5509 Datasheet HTML 50Page - Texas Instruments TMS320VC5509 Datasheet HTML 51Page - Texas Instruments TMS320VC5509 Datasheet HTML 52Page - Texas Instruments TMS320VC5509 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Functional Overview
49
April 2001 − Revised January 2008
SPRS163H
15
6
5
43
21
0
Reserved
GPIOD13
GPIOD12
GPIOD11
GPIOD10
GPIOD9
GPIOD8
R, 0000 0000 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−16. EHPI GPIO Data Register (EHPIGPIODATA) Bit Layout
Table 3−16. EHPI GPIO Data Register (EHPIGPIODATA) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−6
Reserved
0
Reserved
5−0
GPIOD13−
GPIOD8
0
Data bits that are used to control the level of the EHPI Control Bus configured as I/O output pins, and to
monitor the level of the EHPI Control Bus configured as I/O input pins.
If GPIODIRn = 0, then:
GPIODx = 0
Corresponding I/O pin is read as a low.
GPIODx = 1
Corresponding I/O pin is read as a high.
If GPIODIRn = 1, then:
GPIODx = 0
Set corresponding I/O pin to low.
GPIODx = 1
Set corresponding I/O pin to high.
3.7
System Register
The system register (SYSR) provides control over certain device-specific functions. The register is located
at port address 07FDh. This feature is not supported on the 5509 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com