Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 77Page - Texas Instruments TMS320VC5509 Datasheet HTML 78Page - Texas Instruments TMS320VC5509 Datasheet HTML 79Page - Texas Instruments TMS320VC5509 Datasheet HTML 80Page - Texas Instruments TMS320VC5509 Datasheet HTML 81Page - Texas Instruments TMS320VC5509 Datasheet HTML 82Page - Texas Instruments TMS320VC5509 Datasheet HTML 83Page - Texas Instruments TMS320VC5509 Datasheet HTML 84Page - Texas Instruments TMS320VC5509 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
Electrical Specifications
81
April 2001 − Revised January 2008
SPRS163H
5.7
Memory Interface Timings
5.7.1 Asynchronous Memory Timings
Table 5−7 and Table 5−8 assume testing over recommended operating conditions (see Figure 5−6 and
Figure 5−7).
Table 5−7. Asynchronous Memory Cycle Timing Requirements
NO.
MIN
MAX
UNIT
M1
tsu(DV-COH)
Setup time, read data valid before CLKOUT high†
10
ns
M2
th(COH-DV)
Hold time, read data valid after CLKOUT high
0
ns
M3
tsu(ARDY-COH)
Setup time, ARDY valid before CLKOUT high†
10
ns
M4
th(COH-ARDY)
Hold time, ARDY valid after CLKOUT high
0
ns
† To ensure data setup time, simply program the strobe width wide enough. ARDY is internally synchronized. If ARDY does meet setup or hold
time, it may be recognized in the current cycle or the next cycle. Thus, ARDY can be an asynchronous input.
Table 5−8. Asynchronous Memory Cycle Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
M5
td(COH-CEV)
Delay time, CLKOUT high to CEx valid
0
8
ns
M6
td(COH-CEIV)
Delay time, CLKOUT high to CEx invalid
0
8
ns
M7
td(COH-BEV)
Delay time, CLKOUT high to BEx valid
8
ns
M8
td(COH-BEIV)
Delay time, CLKOUT high to BEx invalid
0
ns
M9
td(COH-AV)
Delay time, CLKOUT high to address valid
8
ns
M10
td(COH-AIV)
Delay time, CLKOUT high to address invalid
0
ns
M11
td(COH-AOEV)
Delay time, CLKOUT high to AOE valid
0
6
ns
M12
td(COH-AOEIV)
Delay time, CLKOUT high to AOE invalid
0
6
ns
M13
td(COH-AREV)
Delay time, CLKOUT high to ARE valid
0
6
ns
M14
td(COH-AREIV)
Delay time, CLKOUT high to ARE invalid
0
6
ns
M15
td(COH-DV)
Delay time, CLKOUT high to data valid
6
ns
M16
td(COH-DIV)
Delay time, CLKOUT high to data invalid
0
ns
M17
td(COH-AWEV)
Delay time, CLKOUT high to AWE valid
0
6
ns
M18
td(COH-AWEIV)
Delay time, CLKOUT high to AWE invalid
0
6
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com