Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 9Page - Texas Instruments TMS320VC5509 Datasheet HTML 10Page - Texas Instruments TMS320VC5509 Datasheet HTML 11Page - Texas Instruments TMS320VC5509 Datasheet HTML 12Page - Texas Instruments TMS320VC5509 Datasheet HTML 13Page - Texas Instruments TMS320VC5509 Datasheet HTML 14Page - Texas Instruments TMS320VC5509 Datasheet HTML 15Page - Texas Instruments TMS320VC5509 Datasheet HTML 16Page - Texas Instruments TMS320VC5509 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Introduction
13
April 2001 − Revised January 2008
SPRS163H
The TMS320C55x DSP core was created with an open architecture that allows the addition of
application-specific hardware to boost performance on specific algorithms. The hardware extensions on the
5509 strike the perfect balance of fixed function performance with programmable flexibility, while achieving
low-power consumption, and cost that traditionally has been difficult to find in the video-processor market. The
extensions allow the 5509 to deliver exceptional video codec performance with more than half its bandwidth
available for performing additional functions such as color space conversion, user-interface operations,
security, TCP/IP, voice recognition, and text-to-speech conversion. As a result, a single 5509 DSP can power
most portable digital video applications with processing headroom to spare. For more information, see the
TMS320C55x Hardware Extensions for Image/Video Applications Programmer’s Reference (literature
number SPRU098). For more information on using the the DSP Image Processing Library, see the
TMS320C55x Image/Video Processing Library Programmer’s Reference (literature number SPRU037).
2.2
Pin Assignments
Figure 2−1 illustrates the ball locations for the 179-pin ball grid array (BGA) package and is used in conjunction
with Table 2−1 to locate signal names and ball grid numbers. DVDD is the power supply for the I/O pins while
CVDD is the power supply for the core CPU. VSS is the ground for both the I/O pins and the core CPU.
2.2.1 Terminal Assignments for the GHH Package
14
12 13
10 11
8 9
P
M
L
J
H
K
N
56
34
G
E
F
D
C
12
A
B
7
Figure 2−1. 179-Terminal GHH Ball Grid Array (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com