Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 23Page - Texas Instruments TMS320VC5509 Datasheet HTML 24Page - Texas Instruments TMS320VC5509 Datasheet HTML 25Page - Texas Instruments TMS320VC5509 Datasheet HTML 26Page - Texas Instruments TMS320VC5509 Datasheet HTML 27Page - Texas Instruments TMS320VC5509 Datasheet HTML 28Page - Texas Instruments TMS320VC5509 Datasheet HTML 29Page - Texas Instruments TMS320VC5509 Datasheet HTML 30Page - Texas Instruments TMS320VC5509 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
Introduction
27
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
MULTICHANNEL BUFFERED SERIAL PORTS SIGNALS (CONTINUED)
S23
O/Z
McBSP2 data transmit or MultiMedia Card/Secure Digital2 serial clock. At
reset, this pin is configured as McBSP2.DX.
McBSP2.DX
O/Z
McBSP2
serial
data
transmit.
McBSP2.DX
is
placed
in
the
high-impedance state when not transmitting, when RESET is asserted, or
when OFF is low. McBSP2.DX is selected when the External Bus
Selection Register has 00 in the Serial Port2 Mode bit field or following
reset.
BK
Hi-Z
MMC2.CLK
SD2.CLK
O
MMC2 or SD2 serial clock is selected when the External Bus Selection
Register has 10 in the Serial Port2 Mode bit field.
S24
I/O/Z
McBSP2 transmit clock or MultiMedia Card/Secure Digital2 data0. At
reset, this pin is configured as McBSP2.CLKX.
McBSP2.CLKX
I/O/Z
McBSP2 transmit clock. McBSP2.CLKX serves as the serial shift clock for
the serial port transmitter. The McBSP2.CLKX pin is configured as input
after reset. McBSP2.CLKX is selected when the External Bus Selection
Register has 00 in the Serial Port2 Mode bit field or following reset.
H
Input
MMC2.DAT
SD2.DAT0
I/O/Z
MMC2 or SD2 data0 pin is selected when the External Bus Selection
Register has 10 in the Serial Port2 Mode bit field.
S25
I/O/Z
McBSP2 transmit frame synchronization or Secure Digital2 data3. At
reset, this pin is configured as McBSP2.FSX.
McBSP2.FSX
I/O/Z
McBSP2 frame synchronization. The McBSP2.FSX pulse initiates the
data transmit process over McBSP2.DX. McBSP2.FSX is configured as
an input following reset. McBSP2.FSX is selected when the External Bus
Selection Register has 00 in the Serial Port2 Mode bit field or following
reset.
Input
SD2.DAT3
I/O/Z
SD2 data3 is selected when the External Bus Selection Register has 10 in
the Serial Port2 Mode bit field.
USB
DP
I/O/Z
Differential (positive) receive/transmit. At reset, this pin is configured as
input.
Input
DN
I/O/Z
Differential (negative) receive/transmit. At reset, this pin is configured as
input.
Input
PU
O/Z
Pullup output. This pin is used to pull up the detection resistor required by
the USB specification. The pin is internally connected to USBVDD via a
software controllable switch (CONN bit of the USBCTL register).
Output
A/D
AIN0
I
Analog Input Channel 0
Input
AIN1
I
Analog Input Channel 1
Input
AIN2 (BGA only)
I
Analog Input Channel 2. (BGA package only)
Input
AIN3 (BGA only)
I
Analog Input Channel 3. (BGA package only)
Input
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com