Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5509 Datasheet(PDF) 73 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 69Page - Texas Instruments TMS320VC5509 Datasheet HTML 70Page - Texas Instruments TMS320VC5509 Datasheet HTML 71Page - Texas Instruments TMS320VC5509 Datasheet HTML 72Page - Texas Instruments TMS320VC5509 Datasheet HTML 73Page - Texas Instruments TMS320VC5509 Datasheet HTML 74Page - Texas Instruments TMS320VC5509 Datasheet HTML 75Page - Texas Instruments TMS320VC5509 Datasheet HTML 76Page - Texas Instruments TMS320VC5509 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 124 page
background image
Electrical Specifications
73
April 2001 − Revised January 2008
SPRS163H
5.2
Recommended Operating Conditions (Continued)
UNIT
MAX
NOM
MIN
X2/CLKIN
2.2
DVDD + 0.3
DN and DP‡
2.0
VIH
High-level input voltage, I/O
SDA & SCL: VDD related input levels†
0.7*DVDD
DVDD(max) +0.5
V
VIH
High-level input voltage, I/O
All other inputs
(including hysteresis inputs)
2.2
DVDD + 0.3
V
X2/CLKIN
−0.3
0.7
DN and DP‡
0.8
VIL
Low-level input voltage, I/O
SDA & SCL: VDD related input levels†
−0.5
0.3 * DVDD
V
VIL
Low-level input voltage, I/O
All other inputs
(including hysteresis inputs)
−0.3
0.8
V
IOH
High-level output current
DN and DP‡ (VOH = 2.45 V)
−17.0
mA
IOH
High-level output current
All other outputs
−4
mA
DN and DP‡ (VOL = 0.36 V)
17.0
IOL
Low-level output current
SDA and SCL†
3
mA
IOL
Low-level output current
All other outputs
4
mA
TC
Operating case temperature
−40
85
_C
† The I2C pins SDA and SCL do not feature fail-safe I/O buffers. These pins could potentially draw current when the device is powered down.
Due to the fact that different voltage devices can be connected to the I2C bus, the level of logic 0 (low) and logic 1 (high) are not fixed and
depends on the associated VDD.
‡ USB I/O pins DP and DN can tolerate a short circuit at D+ and D− to 0 V or 5 V, as long as the recommended series resistors (see Figure 5−40)
are connected between the D+ and DP (package), and the D− and DN (package). Do not apply a short circuit to the USB I/O pins DP and DN
in absence of the series resistors.
NOTE: USB PLL is powered from the core supply and is susceptible to core power supply ripple. The maximum allowable supply ripple is 1%
for 1 Hz to 5 kHz; 1.5% for 5 kHz to 10 MHz; 3% for 10 MHz to 100 MHz, and less than 5% for 100 MHz or greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com