Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T00C Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST62T00C
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T00C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST62T00C Datasheet HTML 19Page - STMicroelectronics ST62T00C Datasheet HTML 20Page - STMicroelectronics ST62T00C Datasheet HTML 21Page - STMicroelectronics ST62T00C Datasheet HTML 22Page - STMicroelectronics ST62T00C Datasheet HTML 23Page - STMicroelectronics ST62T00C Datasheet HTML 24Page - STMicroelectronics ST62T00C Datasheet HTML 25Page - STMicroelectronics ST62T00C Datasheet HTML 26Page - STMicroelectronics ST62T00C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
23/70
ST62T00C/T01C ST62T03C/E01C
DIGITAL WATCHDOG (Cont’d)
The Watchdog is associated with a Data space
register (Digital WatchDog Register, DWDR, loca-
tion 0D8h) which is described in greater detail in
Section 3.3.1 Digital Watchdog Register (DWDR).
This register is set to 0FEh on Reset: bit C is
cleared to “0”, which disables the Watchdog; the
timer downcounter bits, T0 to T5, and the SR bit
are all set to “1”, thus selecting the longest Watch-
dog timer period. This time period can be set to the
user’s requirements by setting the appropriate val-
ue for bits T0 to T5 in the DWDR register. The SR
bit must be set to “1”, since it is this bit which gen-
erates the Reset signal when it changes to “0”;
clearing this bit would generate an immediate Re-
set.
It should be noted that the order of the bits in the
DWDR register is inverted with respect to the as-
sociated bits in the down counter: bit 7 of the
DWDR register corresponds, in fact, to T0 and bit
2 to T5. The user should bear in mind the fact that
these bits are inverted and shifted with respect to
the physical counter bits when writing to this regis-
ter. The relationship between the DWDR register
bits and the physical implementation of the Watch-
dog timer downcounter is illustrated in Figure 17.
Only the 6 most significant bits may be used to de-
fine the time period, since it is bit 6 which triggers
the Reset when it changes to “0”. This offers the
user a choice of 64 timed periods ranging from
3,072 to 196,608 clock cycles (with an oscillator
frequency of 8MHz, this is equivalent to timer peri-
ods ranging from 384
µs to 24.576ms).
Figure 17. Watchdog Counter Control
D0
D1
D3
D4
D5
D6
D7
C
SR
T5
T4
T3
T2
T1
D2
T0
OSC
÷12
RESET
VR02068A
÷28
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com